Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 4 Page - Analog Devices

  AD1983 Datasheet HTML 1Page - Analog Devices AD1983 Datasheet HTML 2Page - Analog Devices AD1983 Datasheet HTML 3Page - Analog Devices AD1983 Datasheet HTML 4Page - Analog Devices AD1983 Datasheet HTML 5Page - Analog Devices AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD1983
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
Group Delay
16/FS
sec
Group Delay Variation over Pass Band
0
μs
ANALOG-TO-DIGITAL CONVERTERS
Resolution
+20
Bits
Total Harmonic Distortion (THD)
−92
dB
Dynamic Range
−60 dB input, THD + N referenced to FS,
A-weighted
−85
dB
Crosstalk2
Line inputs: Input L, Ground R, Read R; Input R,
Ground L, Read L
−80
dB
Line inputs and other inputs
−100
−80
dB
Gain Error
Full-
scale span relative to nominal input voltage
±10
%
Interchannel Gain Mismatch
Difference of gain errors
±0.5
dB
ADC Offset Error2
±5
mV
DIGITAL-TO-ANALOG CONVERTERS
Resolution
+24
Bits
Total Harmonic Distortion (THD)
Line out
−86
dB
Headphone out
−76
dB
Dynamic Range
−60 dB input, THD + N referenced to FS,
A-weighted
−90
dB
Gain Error
Full-scale span relative to nominal input voltage
±10
%
Interchannel Gain Mismatch
Difference of gain errors
±0.7
dB
DAC Crosstalk2
Input L, Zero R, Read R out; Input R, Zero L,
Read L out
−80
dB
ANALOG OUTPUT
Full-Scale Output Voltage
Port-D and MONO_OUT
1
V rms
2.83
V p-p
Output Impedance2
300
Ω
External Load Impedance2
10
kΩ
Output Capacitance2
15
pF
External Load Capacitance
1000
pF
Full-Scale Output Voltage
Port-A: headphone out
1
V rms
2.83
V p-p
External Load Impedance2
32
Ω
Output Capacitance2
15
pF
External Load Capacitance2
1000
pF
VREF_FILT
2.050
2.250
2.450
V
MIC_BIAS (Port-B and Port-C)
At 50% setting
2.250
V
At 80% setting
3.700
V
At 0% setting
0.0
V
Current Drive
5
mA
Mute Click
Muted output, unmuted midscale DAC output
±5
mV
STATIC DIGITAL SPECIFICATIONS
High Level Input Voltage (VIH), Digital
Inputs
0.65 × DVDD
V
Low Level Input Voltage (VIL)
0.35 × DVDD
V
High Level Output Voltage (VOH)
IOH = 2 mA
0.90 × DVDD
V
Low Level Output Voltage (VOL)
IOL = 2 mA
0.10 × DVDD
V
Input Leakage Current
−10
+10
μA
Output Leakage Current
−10
+10
μA
Input/Output Pin Capacitance
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com