Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 3 Page - Analog Devices

  AD1983 Datasheet HTML 1Page - Analog Devices AD1983 Datasheet HTML 2Page - Analog Devices AD1983 Datasheet HTML 3Page - Analog Devices AD1983 Datasheet HTML 4Page - Analog Devices AD1983 Datasheet HTML 5Page - Analog Devices AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1983
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TEST CONDITIONS
Test conditions for the AD1983 are as follows, unless otherwise noted.
General Test Conditions
Temperature at 25°C
Digital supply (DVDD) at 3.3 V ± 10%
Analog supply (AVDD) at 5.0 V ± 10%
Sample rate (FS) at 48 kHz
Input signal at 1.0 kHz
Analog output pass band at 20 Hz to 20,000 Hz
VIH at 2.0 V
VIL at 0.8 V
VIH at 2.4 V
VIL at 0.6 V
DAC Test Conditions
Calibrated
Output −3 dB relative to full scale
10 kΩ output load, Port D, and MONO_OUT
32 Ω output load, Port A
ADC Test Conditions
Calibrated
0 dB PGA gain
Input −3.0 dB relative to full scale
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG INPUT
Port-B, Port-C
0 dB
1
V rms1
2.83
V p-p
Port-B, Port-C
10 dB
0.316
V rms
0.894
V p-p
Port-B, Port-C
20 dB
0.1
V rms
0.283
V p-p
Port-B, Port-C
30 dB
0.032
V rms
0.089
V p-p
Input Impedance2
20
kΩ
Input Capacitance2
5
7.5
pF
MASTER VOLUME
Step Size
Port-A, Port-D, MONO_OUT
1.5
dB
Output Gain Range
–46.5
+3
dB
Mute Attenuation of 0 dB Fundamental
80
dB
PROGRAMMABLE GAIN AMPLIFIER—
ADC
Step Size
1.5
dB
PGA Gain Range
0.0
22.5
dB
ANALOG MIXER—INPUT
GAIN/AMPLIFIERS/ATTENUATORS
Signal-to-Noise Ratio (SNR)
Line In to Line Out
85
dB
Microphone In to Line Out2
80
dB
Step Size
All mixer inputs except digital PC BEEP
1.5
dB
Step Size: Digital PC Beep
3.0
dB
Input Gain Range
All mixer inputs except digital PC BEEP
−34.5
+12.0
dB
Digital PC Beep
−45.0
0.0
dB
DIGITAL DECIMATION AND
INTERPOLATION FILTERS2
Pass Band
0
0.4 × FS
Hz
Pass-Band Ripple
±0.09
dB
Transition Band
0.4 × FS
0.6 × FS
Hz
Stop Band
0.6 × FS
∞
Hz
Stop-Band Rejection
−74
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com