Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices AD1983 Datasheet HTML 14Page - Analog Devices AD1983 Datasheet HTML 15Page - Analog Devices AD1983 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1983
Rev. 0 | Page 13 of 16
Table 12. Widget Extended Verb Support
Get (Hex)
F15
F16
F17
F18
F19
F1A
F1C
F20
Node ID
Name
Set (Hex)
715
716
717
718
719
71A
71C
71D
71E
71F
720
721
722
723
011
FUNCTION
√
√
√
U2
√
U2
√
√
√
√
05
Line Out
√
√
√
√
06
HP Out
√
√
√
√
07
Mono Out
√
√
√
√
08
Microphone
√
√
√
√
09
Line In
√
√
√
√
0A
S/PDIF Out
√
√
√
√
1 Only the FUNCTION node (Node ID 01) supports the RESET Verb 7FF (set verb only).
2 U = unsupported in the AD1983. The get verb always returns 0, and the set verbs are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com