Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1983 Datasheet HTML 5Page - Analog Devices AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1983
Rev. 0 | Page 9 of 16
HD AUDIO CODEC INFORMATION
Table 6. Widget List and Descriptions
NID
(Hex)
Name
Type ID
Type
Description
00
ROOT
x
Root
Device identification.
01
FUNCTION
x
Function
Designates this device as an audio codec.
02
S/PDIF
0
Audio output
Designates the codec S/PDIF digital stream output interface.
03
Front DAC
0
Audio output
Designates the playback channel digital/audio converters.
04
Record ADC
1
Audio input
Designates the record channel audio/digital converters.
05
Port-D (Line Out)
4
Pin complex
Port-D pin drivers. Typically used as rear panel line output.
06
Port-A (Headphone Out)
4
Pin complex
Port-A pin drivers. Typically used as front panel headphone output.
07
MONO_OUT
4
Pin complex
Monaural output pin driver. Typically used to drive an internal
speaker or as a microphone selector on a telephony system.
08
Port-B (Front Microphone)
4
Pin complex
Port-B pin drivers. Typically used as front panel microphone.
09
Port-C (Line In)
4
Pin complex
Port-C pin drivers. Typically used as rear panel line input.
0A
S/PDIF_OUT
4
Pin complex
S/PDIF output digital interface.
0B
Mono Selector
3
Audio selector
Chooses the signals that drive the mono output mixer and pin.
0C
Microphone Selector/Boost
3
Audio mixer
Allows microphone source port selection and boost preamplifier
setting.
0D
Line In Selector
3
Audio selector
Allows line in source port selection.
0E
Analog Mixer
2
Audio mixer
Selectively mixes analog input signals into a single signal.
0F
Mono Mixer
2
Audio mixer
Stereo-to-Mono mixer.
10
Digital PC Beep
7
Beep generator
Digital PC beep generator.
11
Front Mix Amp
3
Audio selector
Individual gain control for the DAC (front) input to the analog mixer.
12
Port-B Mix Amp
3
Audio selector
Individual gain control for the Port-B (front microphone) input to the
analog mixer.
13
Port-C Mix Amp
3
Audio selector
Individual gain control for the Port-C (line in) input to the analog
mixer.
14
Record Selector
3
Audio selector
Chooses the signal that is recorded by the record ADC. Also contains
the record gain controls.
15
Analog Power-Down
5
Power widget
Controls power on analog mixer and associated amplifiers. This
controls the power of all widgets in its connection list.
Table 7. Root and Function Node Parameters1
Type
Vendor ID
Revision ID
Sub Node
Count
Function Group
Type
Audio
F.G. Caps
GPIO Caps
NID (Hex)
Name
ID
Type
PID 002
PID 022
PID 042
PID 052
PID 082
PID 112
00
ROOT
X
Root
11D41983
00100400
00010001
01
FUNCTION
X
Function
00020014
00000001
00010C0C
40000002
1 Default SSID: BFD30000.
2 PID = parameter ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com