Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices AD1983 Datasheet HTML 14Page - Analog Devices AD1983 Datasheet HTML 15Page - Analog Devices AD1983 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD1983
Rev. 0 | Page 12 of 16
VERB SUPPORT
Table 11 and Table 12 list only those HD audio verbs that are supported.
Table 11. Widget Verb Support
Get
(Hex)
Axx
Bxx
Cxx
Dxx
F00
F01
F02
F03
F04
F05
F06
F07
F08
F09
F0A
F0D
Node
ID
(Hex)
Name
Set
(Hex)
2xx
3xx
4xx
5xx
---
701
---
703
704
705
706
707
708
709
70A
70D
70E
00
ROOT
√
01
FUNCTION
S1
S1
√
U2
√
√
02
S/PDIF
√
√
√
√
S1
U2
√
√
√
03
Front DAC
√
√
√
√
√
U2
√
√
04
Record ADC
√
√
√
U2
√
√
05
Line Out
√
√
√
√
√
√
√
06
HP Out
√
√
√
√
√
√
√
07
Mono Out
√
√
√
√
08
Microphone In
√
√
√
√
09
Line In
√
√
√
√
0A
S/PDIF Out
√
√
√
0B
Mono Selector
√
√
√
0C
Microphone
Selector
√
√
√
√
0D
Line In Selector
√
√
√
0E
Analog Mixer
√
√
0F
Mono Mixer
√
√
10
Digital PCBeep
√
√
√
11
Front MixAmp
√
√
√
12
Microphone
MixAmp
√
√
√
13
Line In MixAmp
√
√
√
14
ADC Selector
√
√
√
√
15
Analog Power
Down
√
√
√
1 S = supports ADI specific functionality. Refer to the Programming Guide for more details (available from your assigned Applications Engineer).
2 U = unsupported in the AD1983; the get verb always returns 0, the set verbs are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com