Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 1 Page - Analog Devices

  AD1983 Datasheet HTML 1Page - Analog Devices AD1983 Datasheet HTML 2Page - Analog Devices AD1983 Datasheet HTML 3Page - Analog Devices AD1983 Datasheet HTML 4Page - Analog Devices AD1983 Datasheet HTML 5Page - Analog Devices AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HD Audio SoundMAX® Codec
AD1983
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
2 DAC channels: 16-, 20-, or 24-bit
2 ADC channels: 16- or 20-bit
HD audio sample rates
8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
44.1 kHz, 48 kHz
Greater than 90 dB dynamic range
S/PDIF output: 32 kHz, 44.1 kHz, or 48 kHz, 16- or 24-bit
Digital BEEP generator
Integrated headphone amplifiers
Selectable microphone inputs with preamplifiers
Stereo line level inputs
Full analog mixer
2 GPIOs for external circuit control, jack sense
32-lead, Pb-free LFCSP_VQ (QFN) package
ENHANCED FEATURES
No AFILT pins, results in BOM savings
Jack sensing autoconfiguration options
Mute line output and monaural output (MONO_OUT)
when headphones are used
Mute MONO_OUT when a device is in the line out jack
Selectable sense trip level: high/low supports all jack types
Peripheral identification/enumeration
Jack presence detection: HD Audio SENSE and GPIOs
Microphone to MONO_OUT for speakerphone
Advanced power management modes
2 software-controlled microphone bias pins
Stereo microphone array capture
Source from two different ports
0 dB, 10 dB, 20 dB, and 30 dB boost options
FUNCTIONAL BLOCK DIAGRAM
GPIO_0/JS_1
GPIO_1/JS_0
SENSE_A
S/PDIF_OUT
SENSE_SRC
GPIO
JACK
SENSE
DVSS
DVDD
AVSS
AVDD
20-BIT
48kHz
PCM/FLOAT32
Σ-Δ ADC
NID: 04
NID: 0C
NID: 0D
G
NID: 01
+3.3V
0dB TO +22.5dB
–34.5dB TO +12dB
SDATA_IN
BIT_CLK
RESET
SYNC
SDATA_OUT
Σ
GA
NID: 11
NID: 0E
GA
NID: 12
GA
NID: 13
NID: 09
MIC
BIAS
BIAS_EN
Z
MIC_BIAS-C
PORT-C
LINE IN
NID: 0F
NID: 0B
Σ
Σ
GA
M
NID: 07
MONO_OUT
OUTPUT_EN
–46.5dBTO +3dB
GA
M
NID: 05
PORT-D
FRONT
–46.5dBTO +3dB
BOOST
0dB, 10dB, 20dB, 30dB
NID: 10
DIGITAL
PCBEEP
0dB TO –45.0dB
3dB STEPS
G
M
M
M
–34.5dB TO +12dB
M
–34.5dB TO +12dB
M
NID: 03
NID: 02
NID: 0A
24-BIT
48kHz
PCM
Σ-Δ DAC
16-, 20-, 24-BIT
32kHz, 44.1kHz, 48kHz
PCM/AC3
S/PDIF TX
Z
Σ
OUTPUT_EN
GA
M
NID: 06
PORT-A
HEADPHONE
–46.5dBTO +3dB
+5.0V
HP
NID: 08
MIC
BIAS
BIAS_EN
Z
MIC_BIAS-B
PORT-B
MIC
BIAS_SEL
BIAS_SEL
Figure 1.


Similar Part No. - AD1983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com