Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1980 Datasheet (PDF) - Analog Devices

AD1980 Datasheet PDF - Analog Devices
Part # AD1980
Download  AD1980 Download
File Size   750.3 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP??3-Channel, 26-Bit Signal Processing DAC

AD1980 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1980 Datasheet PDF - Analog Devices

Part # AD1980
Download  AD1980 Click to download

File Size   750.3 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP??3-Channel, 26-Bit Signal Processing DAC

AD1980 Datasheet (HTML) - Analog Devices


AD1980 Product details

FEATURES

  AC ’97 2.3 COMPATIBLE FEATURES

  6 DAC Channels for 5.1 Surround

  S/PDIF Output

  Integrated Stereo Headphone Amplifier

  Variable Rate Audio

  Double Rate Audio (fS = 96 kHz)

  Greater than 90 dB Dynamic Range

  20-Bit PCM DACs

  Line-Level Mono ”Phone” Input

  High Quality CD Input

  Selectable MIC Input with Preamp

  AUX and Line_In Stereo Inputs

  External Amplifier Power-Down Control

  Power Management Modes

  48-Lead LQFP Package



ENHANCED FEATURES

  Integrated Parametric Equalizer

  Stereo MIC Preamp Support

  Integrated PLL for System Clocking

  Variable Sample Rate 7 kHz to 96 kHz

  Jack Sense (Auto Topology Switching)

  Software Controlled VREF_OUT for MIC Bias

  Software Enabled Outputs for Jack Sharing

  Auto Down-Mix and Channel Spreading Modes



 




Similar Part No. - AD1980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1953 AD-AD1953 Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
AD1954 AD-AD1954 Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
8/03-Data Sheet changed from REV. 0 to REV. A.
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
AD9789BBC AD-AD9789BBC Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1953 AD-AD1953_15 Datasheet
760Kb / 36P
SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
logo
Shenzhenshi YONGFUKANG ...
CSC37534 YONGFUKANG-CSC37534 Datasheet
505Kb / 19P
3-band audio signal processing circuit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com