Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1954 Datasheet (PDF) - Analog Devices

AD1954 Datasheet PDF - Analog Devices
Part # AD1954
Download  AD1954 Download
File Size   1470.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP??3-Channel, 26-Bit Signal Processing DAC

AD1954 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1954 Datasheet PDF - Analog Devices

Part # AD1954
Download  AD1954 Click to download

File Size   1470.92 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP??3-Channel, 26-Bit Signal Processing DAC

AD1954 Datasheet (HTML) - Analog Devices


AD1954 Product details

GENERAL DESCRIPTION
The AD1954 is a complete 26-bit single-chip 3-channel digital audio playback system with built-in DSP functionality for speaker equalization, dual-band compression/limiting, delay compensation, and image enhancement. These algorithms can be used to compensate for real-world limitations of speakers, amplifi ers, and listening environments, resulting in a dramatic improvement of perceived audio quality.

FEATURES
    5 V 3-Channel Audio DAC System
    Accepts Sample Rates up to 48 kHz
    7 Biquad Filter Sections per Channel
    Dual Dynamic Processor with Arbitrary Input/Output Curve
        and Adjustable Time Constants
    0 ms to 6 ms Variable Delay/Channel for Speaker Alignment
    Stereo Spreading Algorithm for Phat Stereo™ Effect
    Program RAM Allows Complete New Program Download
        via SPI Port
    Parameter RAM Allows Complete Control of More Than
        200 Parameters via SPI Port
    SPI Port Features Safe-Upload Mode for Transparent Filter
        Updates
    2 Control Registers Allow Complete Control of Modes and
        Memory Transfers
    Differential Output for Optimum Performance
    112 dB Signal-to-Noise (Not Muted) at 48 kHz Sample Rate
        (A-Weighted Stereo)
    70 dB Stop-Band Attenuation
    On-Chip Clickless Volume Control
    Hardware and Software Controllable Clickless Mute
    Digital De-emphasis Processing for 32 kHz, 44.1 kHz, and
        48 kHz Sample Rates
    Flexible Serial Data Port with Right-Justifi ed, Left-Justifi ed,
        I2S Compatible, and DSP Serial Port Modes
    Auxiliary Digital Input
    Graphical Custom Programming Tools
    44-Lead MQFP or 48-Lead LQFP Plastic Package

APPLICATIONS
    2.0/2.1 Channel Audio Systems (Two Main Channels plus Subwoofer)
    Multimedia Audio
    Automotive Sound Systems
    Minicomponent Stereo
    Home Theater Systems (AC-3 Postprocessor)
    Musical Instruments
    In-Seat Sound Systems (Aircraft, Motor Coaches)




Similar Part No. - AD1954

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1954 AD-AD1954 Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YS AD-AD1954YS Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YSRL AD-AD1954YSRL Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YST AD-AD1954YST Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YSTRL AD-AD1954YSTRL Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
More results


Similar Description - AD1954

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1953 AD-AD1953 Datasheet
750Kb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV.0
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
Dual Channel signal processing
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
AD9789BBC AD-AD9789BBC Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1953 AD-AD1953_15 Datasheet
760Kb / 36P
SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
logo
Shenzhenshi YONGFUKANG ...
CSC37534 YONGFUKANG-CSC37534 Datasheet
505Kb / 19P
3-band audio signal processing circuit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com