Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1983 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices AD1983 Datasheet HTML 14Page - Analog Devices AD1983 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1983
Rev. 0 | Page 11 of 16
Table 9. Default Configuration Parameters
Bit
31
29
27
23
19
15
8
7
3
Bit
30
28
24
20
16
12
8
4
0
Location
Misc.
Node
ID
(Hex)
Name
Type
ID
Value
Connect
Chassis
Position
Def.
Device
Conn.
Type
Color
Ovrrd.
Def.
Assn.
Sequence
05
Line Out
4
01014010
Jack
External
Rear
Line
Out
1/8"
Jack
Green
0
1
0
06
HP Out
4
0221401F
Jack
External
Front
HP Out
1/8"
Jack
Green
0
1
F
07
Mono Out
4
991301F0
Fixed
Internal
Special 3
Speaker
ATAPI
Unknown
1
F
0
08
Microphone
In
4
02A19020
Jack
External
Front
Mic In
1/8"
Jack
Pink
0
2
0
09
Line In
4
0181302E
Jack
External
Rear
Line In
1/8"
Jack
Blue
0
2
E
0A
S/PDIF Out
4
014511F0
Jack
External
Rear
SPDIF
Out
Optical
Black
1
F
0
Table 10. Widget Connection List
Index
0
1
2
3
NID (Hex)
Name
NID (Hex)
NID (Hex)
NID (Hex)
NID (Hex)
02
S/PDIF
01
04
03
Front DAC
04
Record ADC
14
05
Port-D (Line Out)
03
0E
06
Port-A (Headphone Out)
03
0E
07
MONO_OUT
0F
08
Port-B (Front Microphone)
09
Port-C (Line In)
0A
S/PDIF_OUT
02
0B
Mono Selector
03
0C
0D
0E
0C
Microphone Selector/Boost
08
09
0D
Line In Selector
09
08
0E
Analog Mixer
11
12
13
0F
Mono Mixer
0B
10
Digital PC Beep
11
Front Mix Amp
03
12
Port-B Mix Amp
0C
13
Port-C Mix Amp
0D
14
Record Selector
0C
0D
0E
0F
15
Analog Power-Down
05
09
0B
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com