Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501GEV Datasheet (PDF) - Wolfson Microelectronics plc

WM8501GEV Datasheet PDF - Wolfson Microelectronics plc
Part # WM8501GEV
Download  WM8501GEV Download
File Size   267.14 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver

WM8501GEV Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8501GEV Datasheet PDF - Wolfson Microelectronics plc

Part # WM8501GEV
Download  WM8501GEV Click to download

File Size   267.14 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver

WM8501GEV Datasheet (HTML) - Wolfson Microelectronics plc


WM8501GEV Product details

DESCRIPTION
The WM8501 is a high performance stereo DAC with an integrated 1.7Vrms line driver. It is designed for audio applications that require a high voltage output along with enhanced load drive capability.
The WM8501 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8501 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and stereo DAC in a 14-lead SOIC package.
The hardware control interface is used for the selection of audio data interface format, enable and de-emphasis. The WM8501 supports I2S, right Justified or DSP interfaces.
Operating on separate analog and digital supplies the WM8501 offers very lower power consumption from the digital section, whilst supporting enhanced load drive from the analogue output.

FEATURES
● Stereo DAC with 1.7Vrms line driver from 5V analogue
   supply
● Audio performance
   - 100dB SNR (‘A’ weighted @ 48kHz)
   - -88dB THD
● DAC Sampling Frequency: 8kHz – 192kHz
● Pin Selectable Audio Data Interface Format
   - I2S, 16-bit Right Justified or DSP
● 14-lead SOIC package
● 4.5V - 5.5V analogue, 2.7V - 5.5V digital supply operation

APPLICATIONS
● STB
● DVD
● Digital TV




Similar Part No. - WM8501GEV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8501GED/RV WOLFSON-WM8501GED/RV Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501GED/V WOLFSON-WM8501GED/V Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
More results


Similar Description - WM8501GEV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8522 WOLFSON-WM8522 Datasheet
407Kb / 39P
24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com