Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002182000 Datasheet (PDF) - Molex Electronics Ltd.

2002182000 Datasheet PDF - Molex Electronics Ltd.
Part # 2002182000
Download  2002182000 Download
File Size   1200.07 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals

2002182000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002182000 Datasheet PDF - Molex Electronics Ltd.

Part # 2002182000
Download  2002182000 Click to download

File Size   1200.07 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals

2002182000 Datasheet (HTML) - Molex Electronics Ltd.


2002182000 Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision, user-friendly terminal locator wire stop holds terminals in the proper crimping position
Right- and left-handed applications
Dies and locator from this tool can be used in the Battery Powered Tool Order No. 63816-0270
(110 V) or 63816-0280 (220 V), with the use of the 63816-0800 Crimp Head
Many different tool kits can be used with a single Battery Powered Crimp Tool
This tool is RoHS compliant; however, RoHS compliance is not required
Adjustable locator provides optimum adjustment for bell mouth specification




Similar Part No. - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002182000 MOLEX2-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
2002182000 MOLEX-2002182000 Datasheet
71Kb / 3P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 32-26 AWG
Jun 18, 2025
2002182000 MOLEX-2002182000_V01 Datasheet
71Kb / 3P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 32-26 AWG
Jun 18, 2025
More results


Similar Description - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0400 MOLEX-63819-0400 Datasheet
589Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch PicoBlade??Crimp Terminals
07-27-10
63827-1400 MOLEX-63827-1400 Datasheet
624Kb / 7P
Hand Crimp Tool 1.25mm (.049?? Pitch PicoBlade Crimp Terminals
08-15-17
63811-7900 MOLEX-63811-7900 Datasheet
532Kb / 7P
Hand Crimp Tool for 1.25mm (.049?? Pitch Crimp Terminals
06-25-14
ATS-638190300 MOLEX-ATS-638190300 Datasheet
590Kb / 8P
Hand Crimp Tool 1.25mm (.049") Pitch PicoBlade??Crimp Terminals
07-27-10
ATS-638194400 MOLEX-ATS-638194400_V01 Datasheet
558Kb / 7P
Hand Crimp Tool For 1.25mm (049) Pitch Crimp Terminals
09-06-16
63811-0300 MOLEX-63811-0300 Datasheet
139Kb / 5P
Hand Crimp Tool for 1.25mm (.049) Pitch Crimp Terminals
04-14-08
200218-2000 MOLEX-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
200218-6300 MOLEX-200218-6300 Datasheet
1Mb / 9P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
11-19-21
200218-1900 MOLEX-200218-1900 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
04-30-
200218-2000 MOLEX2-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com