Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002182000 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 5 of 8
Revision: A
Revision Date: 07-31-19
Note: The tamper-proof ratchet action will not release the tool until it has been fully closed.
8. Remove the crimped terminal from the terminal
locator by pulling on the wire.
9. Visually inspect the crimped terminal for proper
crimp location.
10. On some large O.D. wires, it may not be possible to
insert the wire with the tool partially closed. Those
wires should be inserted with the hand tool in the
open position. Insert the wire above the terminal in
the punch and against the locator, and then close
the tool. See Figure 7.
Locator Replacement
See the parts list on the last page of this document for the proper locator order number. Follow the
steps below to replace the locator:
1. Open the crimp hand tool.
2. Squeeze gently on the lower area shown
in Figure 8A with your thumb and index
finger. The lower tabs of the locator
should disengage from the hand tool.
3. Lift and pull away from the hand tool. The
top locator hooks should slip out of the
top slots easily. See Figure 8A.
4. To reinstall the new locator, make sure
the hand tool is in the open position.
5. Press the red insert down as far as it will
go as shown in Figure 8B.
6. Holding onto the lower part of the locator
with your thumb and index finger, insert
the locator’s top hooks (2) into the hand
tool’s top slots.
7. Rotate the locator down, and press the
lower tabs into the two bottom slots of
the hand tool. To secure the locator into
place, the lower tabs must snap into place
on the hand tool frame.
TERMINAL
Figure 7
WIRE
LOCATOR
Figure 6
LOCATOR
TERMINAL
WIRE AGAINST THE LOCATOR
TERMINAL
PRE-STRIPPED
WIRE
SQUEEZE
HERE
SQUEEZE
HERE
LOCATOR
Figure 8A
TOP HOOKS
TOP SLOTS OF
HAND TOOL
LOWER TABS
MAKE SURE
CENTER OF
LOCATOR IS IN
THE DOWN
POSITION
Figure 8B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com