Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTO100 Datasheet (PDF) - Vishay Siliconix

LTO100 Datasheet PDF - Vishay Siliconix
Part # LTO100
Download  LTO100 Download
File Size   107.36 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistor Thick Film Technology

LTO100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTO100 Datasheet PDF - Vishay Siliconix

Part # LTO100
Download  LTO100 Click to download

File Size   107.36 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistor Thick Film Technology

LTO100 Datasheet (HTML) - Vishay Siliconix


LTO100 Product details

FEATURES
• 100 W at 25 °C case temperature heatsink
mounted
• Direct mounting ceramic on heatsink
• Broad resistance range: 0.015 Ω to 1 MΩ
• Non inductive
• TO-247 package: compact and easy to mount
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LTO100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100F10002FTE3 VISHAY-LTO100F10002FTE3 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
More results


Similar Description - LTO100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
Power Resistor Thick Film Technology
22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
Power Resistor Thick Film Technology
01-Aug-13
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO150 VISHAY-LTO150 Datasheet
112Kb / 5P
Clip Mount Power Resistor Thick Film Technology
27-Sep-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com