Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTO100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LTO100
Description  Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO100 Datasheet(HTML) 4 Page - Vishay Siliconix

  LTO100 Datasheet HTML 1Page - Vishay Siliconix LTO100 Datasheet HTML 2Page - Vishay Siliconix LTO100 Datasheet HTML 3Page - Vishay Siliconix LTO100 Datasheet HTML 4Page - Vishay Siliconix LTO100 Datasheet HTML 5Page - Vishay Siliconix LTO100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LTO 100
www.vishay.com
Vishay Sfernice
Revision: 08-Dec-2021
4
Document Number: 50051
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENERGY CURVE
POWER CURVE
IMPEDANCE CURVE 10 Ω to 1 kΩ from 100 kHz to 300 MHz
10
100
1000
10000
0.01
0.1
1
10
100
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
Axis Title
Overloard Duration (s)
10
100
1000
10000
100
1000
10 000
100 000
1 000 000
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
Axis Title
Overload Duration (s)
10
100
1000
10000
0.30
0.80
1.30
1.80
2.30
2.80
3.30
3.80
4.30
100 kHz
1 MHz
10 MHz
100 MHz
1000 MHz
Frequency (Hz)
10 Ω
1000 Ω
500 Ω
270 Ω
50 Ω, 75 Ω, 100 Ω
25 Ω
1.00
300 MHz
Axis Title



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com