Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402AT Datasheet (PDF) - Vishay Siliconix

MCS0402AT Datasheet PDF - Vishay Siliconix
Part # MCS0402AT
Download  MCS0402AT Download
File Size   150.27 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistors

MCS0402AT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCS0402AT Datasheet PDF - Vishay Siliconix

Part # MCS0402AT
Download  MCS0402AT Click to download

File Size   150.27 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Thin Film Chip Resistors

MCS0402AT Datasheet (HTML) - Vishay Siliconix


MCS0402AT Product details

FEATURES
• Rated dissipation P70 up to 0.4 W for size 1206
• AEC-Q200 qualified
• Approved to EN 140401-801
• Superior temperature cycling robustness
• Superior moisture resistivity, |ΔR/R| < 0.5 %
(85 °C; 85 % RH; 1000 h)
• Advanced sulfur resistance verified according to
ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• Industrial equipment
• Telecommunication
• Medical equipment




Similar Part No. - MCS0402AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
Professional Thin Film Chip Resistor Superior Moisture Resistivity
07-Dec-09
MCS0402ATAU VISHAY-MCS0402ATAU Datasheet
116Kb / 8P
Precision Gold Terminated Thin Film Chip Resistors
09-Dec-15
More results


Similar Description - MCS0402AT

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
Precision Thin Film Chip Resistors
21-Feb-17
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com