Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MCS0402AT
Description  Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MCS0402AT Datasheet HTML 2Page - Vishay Siliconix MCS0402AT Datasheet HTML 3Page - Vishay Siliconix MCS0402AT Datasheet HTML 4Page - Vishay Siliconix MCS0402AT Datasheet HTML 5Page - Vishay Siliconix MCS0402AT Datasheet HTML 6Page - Vishay Siliconix MCS0402AT Datasheet HTML 7Page - Vishay Siliconix MCS0402AT Datasheet HTML 8Page - Vishay Siliconix MCS0402AT Datasheet HTML 9Page - Vishay Siliconix MCS0402AT Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 05-Oct-2021
7
Document Number: 28785
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.23
Climatic sequence:
Standard operation mode
± (0.25 %
R + 0.02 Ω)
4.23.2
2 (Bb)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
≥ 90 % RH;
1 cycle
4.23.4
1 (Ab)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
≥ 90 % RH;
5 cycles
4.23.7
-
DC load
U =
≤ Umax.; 1 min
-1 (Aa)
Storage at low
temperature
-55 °C; 2 h
± (0.05 %
R + 0.01 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at 155 °C;
1000 cycles
± (0.25 %
R + 0.02 Ω)
Extended rapid change
of temperature
30 min at -40 °C;
30 min at 125 °C (3);
MCS 0402 AT: 3000 cycles
MCT 0603 AT: 2000 cycles
MCU 0805 AT: 1500 cycles
MCA 1206 AT: 1000 cycles
± (0.25 %
R + 0.05 Ω);
(
≥ 50 % of initial shear force)
4.13
-
Short time overload:
Standard operation mode
U = 2.5 x
or
U = 2 × Umax.;
whichever is the less severe;
5 s
± (0.05 %
R + 0.01 Ω)
4.27
-
Single pulse high
voltage overload:
Standard operation mode
Severity no. 4:
U = 10 x
or
U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
± (0.25 %
R + 0.05 Ω)
4.39
-
Periodic electric
overload:
Standard operation mode
U =
or
U = 2 x Umax.
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
± (0.5 %
R + 0.05 Ω)
4.38
-
Electro static discharge
(human body model)
IEC 61340-3-1 (1);
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
method 3015)
MCS 0402 AT: 500 V
MCT 0603 AT: 1000 V
MCU 0805 AT: 1500 V
MCA 1206 AT: 2000 V
± (0.5 %
R + 0.05 Ω)
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
CLAUSE
IEC 60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 0.25 OR BETTER (2)
Stability for product types:
MCS 0402 AT
47
Ω to 1 MΩ
MCT 0603 AT
47
Ω to 2 MΩ
MCU 0805 AT
47
Ω to 7.5 MΩ
MCA 1206 AT
47
Ω to 10 MΩ
P
70 x R
P
70 x R
P
70 x R
15
x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com