Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLTT Datasheet (PDF) - Vishay Siliconix

PLTT Datasheet PDF - Vishay Siliconix
Part # PLTT
Download  PLTT Download
File Size   137.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance

PLTT Datasheet (PDF)

Go To PDF Page Download Datasheet
PLTT Datasheet PDF - Vishay Siliconix

Part # PLTT
Download  PLTT Click to download

File Size   137.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance

PLTT Datasheet (HTML) - Vishay Siliconix


PLTT Product details

FEATURES
• PLTT0603 case size is qualified to AEC-Q200
for automotive applications
• -55 °C to 215 °C operating temperature range
• TCR of ± 5 ppm/°C standard
• Tolerances to ± 0.02 %
• Anti corrosion resistant film with (SPM) special
passivation method
• Stable film and performance characteristics
• 0.5 % max. at 2000 h, 215 °C, 25 % rated power
• Non-standard resistance values available
• Very low noise and voltage coefficient
(< -30 dB, 0.1 ppm/V)
• UL 94 V-0 flame resistant
• Gold terminations (10 μ" to 20 μ")
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PLTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTT0805Z1001AGT1 VISHAY-PLTT0805Z1001AGT1 Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT0805Z1001AGT5 VISHAY-PLTT0805Z1001AGT5 Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT0805Z1001AGTF VISHAY-PLTT0805Z1001AGTF Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
More results


Similar Description - PLTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
MORN VISHAY-MORN Datasheet
98Kb / 4P
Molded, Compact, 0.65 mm Pitch, Dual-In-Line Thin Film Resistor, Surface-Mount Network 0.01 % Ratio Tolerance and 1 ppm/°C TCR Tracking
09-Nov-15
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com