Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLTT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PLTT
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT Datasheet(HTML) 3 Page - Vishay Siliconix

  PLTT Datasheet HTML 1Page - Vishay Siliconix PLTT Datasheet HTML 2Page - Vishay Siliconix PLTT Datasheet HTML 3Page - Vishay Siliconix PLTT Datasheet HTML 4Page - Vishay Siliconix PLTT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-2021
3
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Performance obtained with following mounting conditions
PCB: Polymide IPC-7831A STD land patterns
Solder paste: PbSnAg (93.5/5/1.5)
DERATING CURVE
PLTT0805 500 Ω STABILITY TEST RESULTS
PLTT0805 50 kΩ STABILITY TEST RESULTS
10
100
1000
10000
0
25
50
75
100
0230
Axis Title
Ambient Temperature (°C)
70
175
215
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0
125
250
425
500
750
1000
1100
1250
1525
1775
2000
Axis Title
Time on Test (h)
Test conditions
Case size: 0805
Resistance value: 500 Ω
Applied power: 25 % of rated power
Test chamber temperature: 215 °C
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0
125
250
425
500
750
1000
1100
1250
1525
1775
2000
Axis Title
Time on Test (h)
Test conditions
Case size: 0805
Resistance value: 50 kΩ
Applied power: 25 % of rated power
Test chamber temperature: 215 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com