Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCWL Datasheet (PDF) - Vishay Siliconix

RCWL Datasheet PDF - Vishay Siliconix
Part # RCWL
Download  RCWL Download
File Size   90.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)

RCWL Datasheet (PDF)

Go To PDF Page Download Datasheet
RCWL Datasheet PDF - Vishay Siliconix

Part # RCWL
Download  RCWL Click to download

File Size   90.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)

RCWL Datasheet (HTML) - Vishay Siliconix


RCWL Product details

FEATURES
• Low resistance values (0.1 Ω to 0.91 Ω)
• Suitable for current sensing and shunts
• Metal glaze on high quality ceramic
• Protective overglaze
• Solder contacts on Ni barrier layer
• AEC-Q200 qualified
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details




Similar Part No. - RCWL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWL0402 VISHAY-RCWL0402 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWL0603 VISHAY-RCWL0603 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWL0805 VISHAY-RCWL0805 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWL1206 VISHAY-RCWL1206 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
More results


Similar Description - RCWL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
RCWE0805R910FKEA VISHAY-RCWE0805R910FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
07-Mar-13
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
111Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
18-Nov-13
RCWH VISHAY-RCWH Datasheet
86Kb / 3P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)
21-Jul-16
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
21-Aug-2018
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
07-Jul-2021
WSL5931 VISHAY-WSL5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com