Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFM Datasheet (PDF) - Vishay Siliconix

WFM Datasheet PDF - Vishay Siliconix
Part # WFM
Download  WFM Download
File Size   176.11 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power

WFM Datasheet (PDF)

Go To PDF Page Download Datasheet
WFM Datasheet PDF - Vishay Siliconix

Part # WFM
Download  WFM Click to download

File Size   176.11 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power

WFM Datasheet (HTML) - Vishay Siliconix


WFM Product details

FEATURES
• 2010 and 2512 size package
• Ideal for all types of current sensing and
pulse applications including switching and
linear power supplies, instruments, power
amplifiers, shunts, power inverters, and
battery management
• Proprietary processing technique produces
low resistance values (10 mΩ to 500 mΩ)
• Solid metal manganese-copper and nickelchromium-
aluminum alloy resistive element
with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• Sulfur resistance by construction that is unaffected by
high sulfur environments
• AEC-Q200 qualified (1)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
13-May-2020
logo
SICK AG
WFM120-120N311 SICK-WFM120-120N311 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120N321 SICK-WFM120-120N321 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120P311 SICK-WFM120-120P311 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120P321 SICK-WFM120-120P321 Datasheet
851Kb / 6P
FORK SENSORS
More results


Similar Description - WFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount
29-Mar-05
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
602SJR00300E-T OHMITE-602SJR00300E-T Datasheet
176Kb / 2P
Surface Mount Metal Plate Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Vishay Siliconix
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
Power Metal Strip Resistors, High Power Low Value, Surface Mount
09-Sep-11
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
06-Jun-12
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
60S OHMITE-60S Datasheet
331Kb / 2P
Surface Mount Metal Plate Current Sense
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
13-May-2020
WFP VISHAY-WFP Datasheet
106Kb / 4P
Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
26-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com