Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSHP2818 Datasheet (PDF) - Vishay Siliconix

WSHP2818 Datasheet PDF - Vishay Siliconix
Part # WSHP2818
Download  WSHP2818 Download
File Size   141.11 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount

WSHP2818 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSHP2818 Datasheet PDF - Vishay Siliconix

Part # WSHP2818
Download  WSHP2818 Click to download

File Size   141.11 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount

WSHP2818 Datasheet (HTML) - Vishay Siliconix


WSHP2818 Product details

FEATURES
• Improved thermal management incorporated
into design
• All welded construction of the Power Metal Strip
resistors are ideal for all types of current
sensing, voltage division, and pulse applications
• Proprietary processing technique produces
extremely low resistance values
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Very low inductance (< 5 nH)
• Low thermal EMF (< 3 μV/°C)
• Solid metal nickel-chrome or manganese-copper alloy
resistive element with low TCR
(< 20 ppm/°C)
• AEC-Q200 qualified (1)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSHP2818

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSHP2818 VISHAY-WSHP2818 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
WSHP28184L000DEA VISHAY-WSHP28184L000DEA Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
WSHP28184L000DEK VISHAY-WSHP28184L000DEK Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
WSHP28184L000FEA VISHAY-WSHP28184L000FEA Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
WSHP28184L000FEK VISHAY-WSHP28184L000FEK Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
29-Mar-2021
More results


Similar Description - WSHP2818

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSR VISHAY-WSR Datasheet
237Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
26-Mar-07
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
29-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com