Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSHP2818 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSHP2818
Description  Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSHP2818 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSHP2818 Datasheet HTML 1Page - Vishay Siliconix WSHP2818 Datasheet HTML 2Page - Vishay Siliconix WSHP2818 Datasheet HTML 3Page - Vishay Siliconix WSHP2818 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSHP2818
www.vishay.com
Vishay Dale
Revision: 14-Feb-2022
2
Document Number: 30347
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(2) Element TCR - only applies to the alloy used for the resistor element; refer to item 1 in the construction illustration on the following page
(3) Maximum working voltage - the WSHP is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
(4) Typical TCR is positive, for more details contact factory
DIMENSIONS in inches (millimeters)
Notes
• 3D models available: www.vishay.com/doc?30349
• Surface-mount solder profile recommendations: www.vishay.com/doc?31052
TYPICAL SENSING LAYOUT
SENSING WITH VIA LAYOUT (best performance)
Note
• Sensing locations are based on the construction of the part; terminals are wrapped from the outside to underneath. These options place the
sensing location nearest the temperature stable resistance element, which minimizes contact resistance and optimizes TCR
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Component temperature coefficient (including terminal) (1)
ppm/°C
± 200 (4) for 1 m
Ω to 5.99 mΩ
± 75 (4) for 6 m
Ω to 100 mΩ
Element TCR (2)
ppm/°C
< 20
Inductance
nH
< 5
Operating temperature range
°C
-65 to +170
Maximum working voltage (3)
V(P x R)1/2
MODEL
RESISTANCE
RANGE
Ω
DIMENSIONS
SOLDER PAD DIMENSIONS
LW
H
T
a
b
l
WSHP2818
0.001 to 0.1
0.280 ± 0.010
(7.1 ± 0.25)
0.180 ± 0.010
(4.6 ± 0.25)
0.059 ± 0.010
(1.50 ± 0.25)
0.125 ± 0.010
(3.18 ± 0.25)
0.138
(3.5)
0.200
(5.1)
0.024
(0.61)
L
W
T
H
b
a
a
l
ab
c
l
0.138
(3.51)
0.210
(5.33)
0.020
(0.51)
0.024
(0.61)
l
a
b
c
c
a
ab
de
f
l
0.143
(3.63)
0.210
(5.33)
0.026
(0.66)
0.105
(2.67)
Ø 0.020
(0.50)
0.024
(0.61)
f
b
d
a
a
e
l



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com