Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14646 Datasheet (PDF) - SparkFun Electronics

COM-14646 Datasheet PDF - SparkFun Electronics
Part # COM-14646
Download  COM-14646 Download
File Size   385.46 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description RGB LED Matrix Panel - 32x32

COM-14646 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14646 Datasheet PDF - SparkFun Electronics

Part # COM-14646
Download  COM-14646 Click to download

File Size   385.46 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description RGB LED Matrix Panel - 32x32

COM-14646 Datasheet (HTML) - SparkFun Electronics


COM-14646 Product details

Note: These displays were intended for use with FPGAs and high-speed processors. We’ve found
that 16MHz is about the slowest processor that can drive these adequately. If you want to daisychain
them together, you will need more speed and more RAM.


INCLUDES
 1x 32x32 RGB LED Panel
 1x 0.15" Pitch 4-pin Power Cable w/ Spade Connectors
 1x 16-pin (2x8) Ribbon Cables

FEATURES
 1024 RGB LEDs
 1/16 Scan Rate
 Dual IDC Connectors for Daisy Chaining
 3.3-5V Supply Voltage




Similar Part No. - COM-14646

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14662 SPARKFUN-COM-14662 Datasheet
144Kb / 2P
Keypad - 12 Button
4??0??8
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
Bendable EL Wire Blue 3m
7-16-18
More results


Similar Description - COM-14646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
PAL DECODER AND RGB MATRIX
fEBRUARY 1989
logo
List of Unclassifed Man...
TBA530 ETC1-TBA530 Datasheet
205Kb / 4P
RGB MATRIX PRE - AMPLIFIER
logo
Intersil Corporation
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
32x32 Video Crosspoint
July 24, 2006
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
32x32 Video Crosspoint
August 29, 2007
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
REV NO: V.4
logo
Marl International Limi...
525-095-21-50 MARL-525-095-21-50 Datasheet
293Kb / 1P
RGB PANEL LAMP
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
SparkFun Electronics
COM-14718 SPARKFUN-COM-14718 Datasheet
365Kb / 3P
RGB LED Matrix Panel - 32x64
5-15-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com