Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14718 Datasheet (PDF) - SparkFun Electronics

COM-14718 Datasheet PDF - SparkFun Electronics
Part # COM-14718
Download  COM-14718 Download
File Size   365.58 Kbytes
Page   3 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description RGB LED Matrix Panel - 32x64

COM-14718 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14718 Datasheet PDF - SparkFun Electronics

Part # COM-14718
Download  COM-14718 Click to download

File Size   365.58 Kbytes
Page   3 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description RGB LED Matrix Panel - 32x64

COM-14718 Datasheet (HTML) - SparkFun Electronics


COM-14718 Product details

Note: The LEDs on this matrix are smaller than those found on its 32x32 sibling providing better
detail in the images and designs you create. Please keep that in mind before purchasing.

INCLUDES
 1x 32x64 RGB LED Panel
 1x 4mm Pitch 4-pin Power Cable w/ Spade Connectors
 1x 16-pin (2x8) Ribbon Cables
 4x Magnetic Mounting Standoffs

FEATURES
 2048 RGB LEDs
 1/16 Scan Rate
 IDC Connector for Daisy Chaining
 5V Supply Voltage




Similar Part No. - COM-14718

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14710 SPARKFUN-COM-14710 Datasheet
310Kb / 3P
Mi Light RGBW LED Controller Box
7-3-18
More results


Similar Description - COM-14718

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
PAL DECODER AND RGB MATRIX
fEBRUARY 1989
TDA8391 PHILIPS-TDA8391 Datasheet
872Kb / 15P
One-chip PAL decoder and RGB matrix
February 1992
logo
List of Unclassifed Man...
TBA530 ETC1-TBA530 Datasheet
205Kb / 4P
RGB MATRIX PRE - AMPLIFIER
logo
Marktech Corporate
DM4-8819F4-CA02 MARKTECH-DM4-8819F4-CA02 Datasheet
214Kb / 2P
Cotco 8x8 RGB Dot Matrix Column Anode
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
REV NO: V.4
logo
Marl International Limi...
525-095-21-50 MARL-525-095-21-50 Datasheet
293Kb / 1P
RGB PANEL LAMP
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com