Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-15047 Datasheet (PDF) - SparkFun Electronics

COM-15047 Datasheet PDF - SparkFun Electronics
Part # COM-15047
Download  COM-15047 Download
File Size   220.69 Kbytes
Page   3 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)

COM-15047 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-15047 Datasheet PDF - SparkFun Electronics

Part # COM-15047
Download  COM-15047 Click to download

File Size   220.69 Kbytes
Page   3 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)

COM-15047 Datasheet (HTML) - SparkFun Electronics


COM-15047 Product details

FEATURES
 8x8 LED Display
 64x APA102-2020 LEDs
 4x Detachable Mounting Points
 Optional Capacitor Space
 Daisy-Chainable




Similar Part No. - COM-15047

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-15133 SPARKFUN-COM-15133 Datasheet
115Kb / 2P
Stomp Switch
1????9
COM-15337 SPARKFUN-COM-15337 Datasheet
112Kb / 2P
TRRS Audio Plug - 3.5mm (Metal)
7??2??9
COM-15422 SPARKFUN-COM-15422 Datasheet
182Kb / 2P
Fiber Optic Fabric - Black (30x30cm)
7??12??9
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results


Similar Description - COM-15047

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
logo
JFW Industries, Inc.
50MS-288 JFW-50MS-288 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
50MS-300 JFW-50MS-300 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
logo
List of Unclassifed Man...
1088AS ETC-1088AS Datasheet
174Kb / 1P
LED 8x8 matrix 3mm 1088AS
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com