Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-MCUC4MLIT1 Datasheet (PDF) - STMicroelectronics

AEK-MCUC4MLIT1 Datasheet PDF - STMicroelectronics
Part # AEK-MCUC4MLIT1
Download  AEK-MCUC4MLIT1 Download
File Size   5428.51 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN

AEK-MCUC4MLIT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-MCUC4MLIT1 Datasheet PDF - STMicroelectronics

Part # AEK-MCUC4MLIT1
Download  AEK-MCUC4MLIT1 Click to download

File Size   5428.51 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN

AEK-MCUC4MLIT1 Datasheet (HTML) - STMicroelectronics


AEK-MCUC4MLIT1 Product details

Description
The AEK-MCU-C4MLIT1 board is designed to address Automotive and
Transportation applications and other applications requiring automotive safety and
security levels, also thanks to the Hardware Secure Module (HSM) embedded on the
SPC58EC80E5 MCU, which renders it compliant with the EVITA Medium standard.
The board exploits the functionality of SPC58EC80E5 32-bit automotive grade ASILB
microcontroller with 4 MB flash, full access to the two MCU cores, GPIOs and
peripherals such as ISO CAN FD (with transceiver) and UART at a very competitive
price.
The board hosts a PLS debugger/programmer and an extension connector (4x37
pins) for functional interaction across boards that are compatible with the AutoDevKit
initiative. The PLS Universal Debug Engine (UDE) software is available for free
download and includes a free perpetual 256 Kbyte debugging/programming license.
The SPC5-STUDIO software includes ready-to-run peripheral firmware examples and
low-level drivers to support quick evaluation and development. This IDE is available
for free download and includes visual configurable code generation engine, board
support package (BSP), graphical PinMap editor, startup routines and interrupt
services.
The AutoDevKit plugin extends SPC5-STUDIO with support for a set of functional
boards (e.g. LED drivers, DC motor drivers, stepper motor drivers, wireless
communication, digital power supplies, etc.) and libraries implementing useful
functions. To install AutoDevKit, download the STSW-AUTODEVKIT plugin and
follow the procedure to install the plug-in for Eclipse/SPC5-Studio.

Features
• SPC58EC80E5 microcontroller: 32-bit Power Architecture e200z4d dual core,
4224 kB flash + 128 kB data flash) in eTQFP144 package
• Integrated programmer and debugger
• 2 integrated ISO CAN FD transceivers
• 1 USB virtual COM Port (USB cable not included)
• 3 user push buttons and 3 user LEDs
• 2 potentiometers for ADC quick evaluation
• Reset button
• All GPIOs and signals accessible by a 4x37 connector
• Board supply: 12 VDC (external power supply not included)
• Board size: 150 x 101 mm
• All ST components are qualified Automotive grade
• CE certified; RoHS and China RoHS compliant
• WEEE compliant (2012/19/UE RAEE II)
• Part of the AutoDevKit™ initiative




Similar Part No. - AEK-MCUC4MLIT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-MCUC1MLIT1 STMICROELECTRONICS-AEK-MCUC1MLIT1 Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
More results


Similar Description - AEK-MCUC4MLIT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
AEK-MCU-C1MLIT1 STMICROELECTRONICS-AEK-MCU-C1MLIT1 Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
AEK-CON-SENSOR1 STMICROELECTRONICS-AEK-CON-SENSOR1 Datasheet
748Kb / 5P
Connector board for SPC5 MCU discovery boards and MEMS sensor boards in DIL 24 socket
10-Feb-2021
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com