Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC70 Datasheet (PDF) - Kemet Corporation

ALC70 Datasheet PDF - Kemet Corporation
Part # ALC70
Download  ALC70 Download
File Size   7512.5 Kbytes
Page   16 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Snap-In Aluminum Electrolytic Capacitors

ALC70 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALC70 Datasheet PDF - Kemet Corporation

Part # ALC70
Download  ALC70 Click to download

File Size   7512.5 Kbytes
Page   16 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Snap-In Aluminum Electrolytic Capacitors

ALC70 Datasheet (HTML) - Kemet Corporation


ALC70 Product details

Overview
The KEMET ALC70 High CV snap-in capacitors offer high
performance and reliability in a wide range of case sizes
and voltage ratings up to 630 V, featuring high ripple
currents and long-life performance. Volumetric efficiency
ensures the maximum capacitance capability in a
smaller size.

Applications
Typical applications for the ALC70 capacitor include
inverters, frequency converters, motor drives, motor control,
UPS systems, smoothing, energy storage, alternative energy,
charging stations, traction, demanding power supplies
(SMPS), welding, and HVAC.

Benefits
• Maximum capacitance capability in a smaller size
• Long life, up to 18,000 hours at +85°C (VR, IR applied)
• High ripple current
• Excellent surge voltage capability
• PET sleeve and Lexan disc are recognized to UL: QMTR2,
UL No. E358957 (Other options available upon request)
• Optimized designs available upon request




Similar Part No. - ALC70

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC70A102EH400 KEMET-ALC70A102EH400 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 1,000 uF, 20%, 400 VDC, -40/85째C
ALC70A151CB450 KEMET-ALC70A151CB450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 150 uF, 20%, 450 VDC, -40/85째C
ALC70A221CD450 KEMET-ALC70A221CD450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 220 uF, 20%, 450 VDC, -40/85째C
ALC70A331CD400 KEMET-ALC70A331CD400 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 330 uF, 20%, 400 VDC, -40/85째C
ALC70A471DF450 KEMET-ALC70A471DF450 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 470 uF, 20%, 450 VDC, -40/85째C
More results


Similar Description - ALC70

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com