Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP-FC210 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP-FC210 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP-FC210
Download  FSP-FC210 Download
File Size   440.77 Kbytes
Page   2 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description CRPS 2U Power Distribution Board (PDB)

FSP-FC210 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP-FC210 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP-FC210
Download  FSP-FC210 Click to download

File Size   440.77 Kbytes
Page   2 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description CRPS 2U Power Distribution Board (PDB)

FSP-FC210 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP-FC210 Product details

DESCRIPTION
FSP-FC 210 /FSP-FC 210 E is a PDB(power distribution board) designed for CRPS (common redundant power supply) base on its standard FSP FC 210 supports total power up to 2400 Watts, while FSP FC 210 E supports 1200 W In addition, the PDB is featuring its short length and PMBus capability, ideally the best choice for datacenter, workstation, telecom applications

FEATURES
•A High Reliability PDB(power distribution board)
•CRPS Module Compatib le
•2U Narrow Form Factor
•Meet PMBus 1.2
•Design for 5,000 Meter above sea level
•High Reliability
•Low Ripple & Noise
•Over Current Protection
•Over Temperature Protection
•Over Voltage Protection




Similar Part No. - FSP-FC210

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP-FC250 FSP-FSP-FC250 Datasheet
286Kb / 2P
CRPS 2U Power Distribution Board (PDB)
2020.05
More results


Similar Description - FSP-FC210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-G40A ETC2-EFRP-G40A Datasheet
315Kb / 2P
400W CRPS 1U Redundant Power Module
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
550W CRPS 1U Redundant Power Module
EFRP-P80A ETC2-EFRP-P80A Datasheet
331Kb / 2P
800W CRPS Redundant Power Module
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
800W CRPS 1U Redundant Power
logo
FSP TECHNOLOGY INC.
FSP-FC250 FSP-FSP-FC250 Datasheet
286Kb / 2P
CRPS 2U Power Distribution Board (PDB)
2020.05
FSP2000-20FM FSP-FSP2000-20FM Datasheet
1Mb / 2P
2000 W CRPS Module
2020.05
logo
Bel Fuse Inc.
TEC2200-12-074XA BEL-TEC2200-12-074XA Datasheet
1Mb / 43P
AC-DC CRPS Front-End Power Supply
TEC2401-12-074XA BEL-TEC2401-12-074XA Datasheet
1Mb / 45P
AC-DC CRPS Front-End Power Supply
TEC2600-12-074XA BEL-TEC2600-12-074XA Datasheet
1Mb / 44P
AC-DC CRPS Front-End Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com