Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP-FC250 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP-FC250 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP-FC250
Download  FSP-FC250 Download
File Size   286.44 Kbytes
Page   2 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description CRPS 2U Power Distribution Board (PDB)

FSP-FC250 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP-FC250 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP-FC250
Download  FSP-FC250 Click to download

File Size   286.44 Kbytes
Page   2 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description CRPS 2U Power Distribution Board (PDB)

FSP-FC250 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP-FC250 Product details

DESCRIPTION
FSP-FC 250 is a PDB(power distribution board) designed for CRPS (common redundant power supply) base on its standard FSP
FC 250 supports total power up to 2400 Watts In addition, the PDB is featuring its short length and PMBus capability, ideally the best
choice for datacenter, workstation, telecom applications

FEATURES
•CRPS Module Compatib le
•Modular Cable Management
•2U Narrow Form Factor
•Meet PMBus 1.2
•Design for 5,000 Meter above sea level
•High Reliability
•Low Ripple & Noise
•Over Current Protection
•Over Temperature Protection
•Over Voltage Protection




Similar Part No. - FSP-FC250

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP-FC210 FSP-FSP-FC210 Datasheet
440Kb / 2P
CRPS 2U Power Distribution Board (PDB)
2020.05
FSP-FC210E FSP-FSP-FC210E Datasheet
440Kb / 2P
CRPS 2U Power Distribution Board (PDB)
2020.05
More results


Similar Description - FSP-FC250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-G40A ETC2-EFRP-G40A Datasheet
315Kb / 2P
400W CRPS 1U Redundant Power Module
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
550W CRPS 1U Redundant Power Module
EFRP-P80A ETC2-EFRP-P80A Datasheet
331Kb / 2P
800W CRPS Redundant Power Module
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
800W CRPS 1U Redundant Power
logo
FSP TECHNOLOGY INC.
FSP-FC210 FSP-FSP-FC210 Datasheet
440Kb / 2P
CRPS 2U Power Distribution Board (PDB)
2020.05
FSP2000-20FM FSP-FSP2000-20FM Datasheet
1Mb / 2P
2000 W CRPS Module
2020.05
logo
Bel Fuse Inc.
TEC2200-12-074XA BEL-TEC2200-12-074XA Datasheet
1Mb / 43P
AC-DC CRPS Front-End Power Supply
TEC2401-12-074XA BEL-TEC2401-12-074XA Datasheet
1Mb / 45P
AC-DC CRPS Front-End Power Supply
TEC2600-12-074XA BEL-TEC2600-12-074XA Datasheet
1Mb / 44P
AC-DC CRPS Front-End Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com