Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCRCW-P Datasheet (PDF) - Vishay Siliconix

DCRCW-P Datasheet PDF - Vishay Siliconix
Part # DCRCW-P
Download  DCRCW-P Download
File Size   135.24 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors

DCRCW-P Datasheet (PDF)

Go To PDF Page Download Datasheet
DCRCW-P Datasheet PDF - Vishay Siliconix

Part # DCRCW-P
Download  DCRCW-P Click to download

File Size   135.24 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors

DCRCW-P Datasheet (HTML) - Vishay Siliconix


DCRCW-P Product details

FEATURES
• Low temperature coefficient (± 50 ppm/K) and
tight tolerances (± 0.5 %)
• Stability at different environmental conditions ΔR/R ≤ 1 %
(1000 h rated power at 70 °C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• Industrial
• Telecommunication




Similar Part No. - DCRCW-P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
More results


Similar Description - DCRCW-P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
21-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com