Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCRCW-PE3 Datasheet (PDF) - Vishay Siliconix

DCRCW-PE3 Datasheet PDF - Vishay Siliconix
Part # DCRCW-PE3
Download  DCRCW-PE3 Download
File Size   133.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Semi-Precision Thick Film Chip Resistors

DCRCW-PE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCRCW-PE3 Datasheet PDF - Vishay Siliconix

Part # DCRCW-PE3
Download  DCRCW-PE3 Click to download

File Size   133.65 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Semi-Precision Thick Film Chip Resistors

DCRCW-PE3 Datasheet (HTML) - Vishay Siliconix


DCRCW-PE3 Product details

FEATURES
• Low temperature coefficient (± 50 ppm/K) and
tight tolerances (± 0.5 %)
• Stability at different environmental conditions
ΔR/R ≤ 1 % (1000 h rated power at 70 °C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• Industrial
• Telecommunication




Similar Part No. - DCRCW-PE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
04-Jul-2022
More results


Similar Description - DCRCW-PE3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6ENF1001V PANASONIC-ERJ-6ENF1001V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-3EKF1471V PANASONIC-ERJ-3EKF1471V Datasheet
93Kb / 3P
Precision Thick Film Chip Resistors
ERJ-8ENF1332V PANASONIC-ERJ-8ENF1332V Datasheet
90Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
Precision Thick Film Chip Resistors
ERJ-1GEJ220C PANASONIC-ERJ-1GEJ220C Datasheet
290Kb / 7P
Precision Thick Film Chip Resistors
ERJ-6ENF1500V PANASONIC-ERJ-6ENF1500V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com