Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD11B5.0ST5G Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

ESD11B5.0ST5G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # ESD11B5.0ST5G
Download  ESD11B5.0ST5G Download
File Size   1575.18 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1- Line Bi-directional TVS Diode

ESD11B5.0ST5G Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD11B5.0ST5G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD11B5.0ST5G
Download  ESD11B5.0ST5G Click to download

File Size   1575.18 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1- Line Bi-directional TVS Diode

ESD11B5.0ST5G Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


ESD11B5.0ST5G Product details

Features

Ultra low leakage: nA level
Operating voltage: 5V
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: 8kV
RoHS Compliant

Applications

FireWire
Display ports
MDDI ports
Digital Visual Interface (DVI)
Cellular handsets & accessories
Computer and peripherals
Low Clamping
Voltage
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)




Similar Part No. - ESD11B5.0ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
138Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
99Kb / 6P
Transient Voltage Suppressors
September, 2015 ??Rev. 7
More results


Similar Description - ESD11B5.0ST5G

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com