Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD11B5.0ST5G Datasheet (PDF) - ON Semiconductor

ESD11B5.0ST5G Datasheet PDF - ON Semiconductor
Part # ESD11B5.0ST5G
Download  ESD11B5.0ST5G Download
File Size   138.44 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection

ESD11B5.0ST5G Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD11B5.0ST5G Datasheet PDF - ON Semiconductor

Part # ESD11B5.0ST5G
Download  ESD11B5.0ST5G Click to download

File Size   138.44 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection

ESD11B5.0ST5G Datasheet (HTML) - ON Semiconductor


ESD11B5.0ST5G Product details

The ESD11B Series is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board space comes at a premium.

Specification Features
• Low Capacitance 12 pF
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.60 mm x 0.30 mm
• Low Body Height: 0.3 mm
• Stand−off Voltage: 5.0 V
• Low Leakage
• Response Time is < 1 ns
• IEC61000−4−2 Level 4 ESD Protection
• IEC61000−4−4 Level 4 EFT Protection
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - ESD11B5.0ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
99Kb / 6P
Transient Voltage Suppressors
September, 2015 ??Rev. 7
logo
Shanghai Leiditech Elec...
ESD11B5.0ST5G LEIDITECH-ESD11B5.0ST5G Datasheet
1Mb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results


Similar Description - ESD11B5.0ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5Z2.5T1 ONSEMI-ESD5Z2.5T1_06 Datasheet
111Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
ESD11N5.0ST5G ONSEMI-ESD11N5.0ST5G Datasheet
138Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD9B3.3ST5G ONSEMI-ESD9B3.3ST5G Datasheet
132Kb / 4P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
September, 2008 ??Rev. 0
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
116Kb / 5P
Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 2
ESD5484FCT5G ONSEMI-ESD5484FCT5G_13 Datasheet
132Kb / 6P
Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
March, 2013 ??Rev. 2
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com