Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L4UG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD3V3L4UG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD3V3L4UG
Download  PESD3V3L4UG Download
File Size   1253.07 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION

PESD3V3L4UG Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L4UG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD3V3L4UG
Download  PESD3V3L4UG Click to download

File Size   1253.07 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION

PESD3V3L4UG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESD3V3L4UG Product details

Features

Low leakage current
Operating voltage: 3.3V
Low clamping voltage
JEDEC SOT-353 package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
RoHS Compliant

Applications

Peripherals
Industrial Equipment
Notebook Computers
Portable Instrumentation
Microprocessor Based Equipment
Cell Phone Handsets and Accessories
Personal Digital Assistants (PDAs) and Pagers




Similar Part No. - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
89Kb / 9P
Low capacitance quadruple ESD protection diode array in SOT353 package
2004 Mar 23
PESD3V3L4UG NXP-PESD3V3L4UG Datasheet
323Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD3V3L4UG PHILIPS-PESD3V3L4UG Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD3V3L4UG NEXPERIA-PESD3V3L4UG Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
More results


Similar Description - PESD3V3L4UG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD6V8W5 LEIDITECH-ESD6V8W5 Datasheet
393Kb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESDA5.0CW-4 LEIDITECH-ESDA5.0CW-4 Datasheet
184Kb / 3P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
SDA12W5 LEIDITECH-SDA12W5 Datasheet
191Kb / 3P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
SDA33W5 LEIDITECH-SDA33W5 Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
CESDLC3V0J4 LEIDITECH-CESDLC3V0J4 Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
CPDV5-3V3UP-HF LEIDITECH-CPDV5-3V3UP-HF Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
SD3.3V35T-4L LEIDITECH-SD3.3V35T-4L Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
UCLAMP0504A LEIDITECH-UCLAMP0504A Datasheet
364Kb / 3P
Bi-directional TVS Diode Array For ESD and Latch-Up Protection
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com