Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCLAMP0504A Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

UCLAMP0504A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # UCLAMP0504A
Download  UCLAMP0504A Download
File Size   364.82 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Bi-directional TVS Diode Array For ESD and Latch-Up Protection

UCLAMP0504A Datasheet (PDF)

Go To PDF Page Download Datasheet
UCLAMP0504A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # UCLAMP0504A
Download  UCLAMP0504A Click to download

File Size   364.82 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Bi-directional TVS Diode Array For ESD and Latch-Up Protection

UCLAMP0504A Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


UCLAMP0504A Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - UCLAMP0504A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0504A SEMTECH-UCLAMP0504A Datasheet
202Kb / 8P
關ClampTM 4-Line ESD protection Array
UCLAMP0504A.TCT SEMTECH-UCLAMP0504A.TCT Datasheet
202Kb / 8P
關ClampTM 4-Line ESD protection Array
More results


Similar Description - UCLAMP0504A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD6V8W5 LEIDITECH-ESD6V8W5 Datasheet
393Kb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESDA5.0CW-4 LEIDITECH-ESDA5.0CW-4 Datasheet
184Kb / 3P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
SDA12W5 LEIDITECH-SDA12W5 Datasheet
191Kb / 3P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
SDA33W5 LEIDITECH-SDA33W5 Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
PESD3V3L4UG LEIDITECH-PESD3V3L4UG Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
CESDLC3V0J4 LEIDITECH-CESDLC3V0J4 Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
CPDV5-3V3UP-HF LEIDITECH-CPDV5-3V3UP-HF Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
SD3.3V35T-4L LEIDITECH-SD3.3V35T-4L Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com