Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCL31010MNSTWG Datasheet (PDF) - ON Semiconductor

NCL31010MNSTWG Datasheet PDF - ON Semiconductor
Part # NCL31010MNSTWG
Download  NCL31010MNSTWG Download
File Size   917.29 Kbytes
Page   48 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt

NCL31010MNSTWG Datasheet (PDF)

Go To PDF Page Download Datasheet
NCL31010MNSTWG Datasheet PDF - ON Semiconductor

Part # NCL31010MNSTWG
Download  NCL31010MNSTWG Click to download

File Size   917.29 Kbytes
Page   48 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt

NCL31010MNSTWG Datasheet (HTML) - ON Semiconductor


NCL31010MNSTWG Product details

Description
The NCL31010 is a member of the onsemi Power over Ethernet
Powered Device (PoE−PD) product family and integrates an IEEE
802.3bt PoE−PD interface controller, a dual step−down converter and a
buck convertor LED driver. The NCL31010 incorporates all the
required functions for operation within a PoE system such as detection,
classification and current limiting during the inrush phase. The
NCL31010 contains synchronous step−down DC/DC converters for the
main 3.3 V system supply as well as an auxiliary supply. In addition, the
NCL31010 also integrates a current mode buck DC/DC controller
designed to operate as a LED driver. The LED driver supports both
PWM dimming and high−bandwidth analog dimming.
The NCL31010 supports high−power applications (up to 90 W PoE).

Features
• Fully Supports IEEE 802.3af/at and 802.3bt Specifications
• Assigned Power Level Up to 90 W
• Proprietary 100 W+ Applications
• Supports Autoclass
• HV Maintain Power PWM Output (MPS)
• Integrated 3.3 V Buck Convertor
• Integrated Adjustable Buck Convertor 2.5 − 24 V
• Integrated High Efficiency Buck LED Driver
• Adjustable Switching Frequency 44.4 kHz to 1 MHz
• Deep Dimming to Zero with Accuracy of 0.1% Using Internal
Precision 2.4 V Reference
• Best in Class Linearity
• High Modulation Bandwidth (~50 kHz)
♦ Visual Light Communication Capable
♦ Yellow−Dot Compliant
• Internal DIM DAC for Independent LED Control During
Micro−controller Re−flashing (Warm Boot)
• Low EMI Reference Design
• I2C/SPI Interface (NCL31010I/NCL31010S)
• High Accuracy Diagnostic Functions to Measure Voltages/Currents
• Protection against LED Shorts & Opens
• LED Over/Under Voltage & Over Current Protection
• Chip Over Current Protection
• Chip & LED Over Temperature Protection
• Junction Temperature Range of −40°C to +125°C
• Available in 48−pin QFN 7x7
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NCL31010MNSTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
NCL31000MNITWG ONSEMI-NCL31000MNITWG Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
NCL31000MNSTWG ONSEMI-NCL31000MNSTWG Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
NCL31001 ONSEMI-NCL31001 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
NCL31001MNITWG ONSEMI-NCL31001MNITWG Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
More results


Similar Description - NCL31010MNSTWG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4294 LINER-LT4294 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
STMicroelectronics
PM8805 STMICROELECTRONICS-PM8805 Datasheet
1Mb / 48P
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
01-Apr-2019
logo
Analog Devices
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com