Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT2-1T Datasheet (PDF) - Renesas Technology Corp

ADT2-1T Datasheet PDF - Renesas Technology Corp
Part # ADT2-1T
Download  ADT2-1T Download
File Size   1341.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.

ADT2-1T Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT2-1T Datasheet PDF - Renesas Technology Corp

Part # ADT2-1T
Download  ADT2-1T Click to download

File Size   1341.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.

ADT2-1T Datasheet (HTML) - Renesas Technology Corp


ADT2-1T Product details

FEATURES
 Power Gain = 3.25dB
 Direct 100Ω differential drive from Tx DAC
 < 590mW Power Consumption @ 2GHz
 -158dBm/Hz Output Noise
 IP2O = +60dBm @ 2GHz
 IP3O = +36dBm @ 2GHz
 Excellent native LO and image suppression
 600 MHz input 1dB Bandwidth
 600 MHz to 2400MHz RF BW
 Constant LO iimpedance when OFF
 3.3V Single Power Supply
 LO port can be driven single ended or differential
 4mm x 4mm 24-pin TQFN package




Similar Part No. - ADT2-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADT2-1T IDT-ADT2-1T Datasheet
1Mb / 20P
ZIF/CIF Modulator
logo
Mini-Circuits
ADT2-1T MINI-ADT2-1T Datasheet
188Kb / 1P
RF Transformer
logo
Renesas Technology Corp
ADT2-1T RENESAS-ADT2-1T Datasheet
1Mb / 21P
IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
logo
Mini-Circuits
ADT2-1T+ MINI-ADT2-1T+ Datasheet
188Kb / 1P
RF Transformer
ADT2-1T-1P MINI-ADT2-1T-1P Datasheet
304Kb / 1P
RF Transformer
More results


Similar Description - ADT2-1T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
This document describes the known exceptions to the functional specifications for the device.
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
This document describes the known exceptions to the functional specifications for the device.
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
This document describes
17-Jun-2009
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
logo
Renesas Technology Corp
F1178 RENESAS-F1178 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com