Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT2-1T Datasheet (PDF) - Renesas Technology Corp

ADT2-1T Datasheet PDF - Renesas Technology Corp
Part # ADT2-1T
Download  ADT2-1T Download
File Size   1361.75 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTF1653 RECOMMENDED OPERATION CONDITIONS

ADT2-1T Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT2-1T Datasheet PDF - Renesas Technology Corp

Part # ADT2-1T
Download  ADT2-1T Click to download

File Size   1361.75 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTF1653 RECOMMENDED OPERATION CONDITIONS

ADT2-1T Datasheet (HTML) - Renesas Technology Corp


ADT2-1T Product details

FEATURES
 Power Gain = 3dB
 Direct 100Ω differential drive from Tx DAC
 < 590mW Power Consumption
 -159 dBm/Hz Output Noise
 -161 dBc/Hz Internal LO Path Noise
 IP2O = +64 dBm @ 2GHz
 IP3O = +36 dBm @ 2GHz
 Excellent native LO and image suppression
 600 MHz input 1dB Bandwidth
 600 MHz to 2900 MHz RF BW
 Fast Settling for TDD (< 200 nsec)
 3.3V Single Power Supply
 LO port can be driven single ended or differential
 4mm x 4mm, 24-pin TQFN package




Similar Part No. - ADT2-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADT2-1T IDT-ADT2-1T Datasheet
1Mb / 20P
ZIF/CIF Modulator
logo
Mini-Circuits
ADT2-1T MINI-ADT2-1T Datasheet
188Kb / 1P
RF Transformer
logo
Renesas Technology Corp
ADT2-1T RENESAS-ADT2-1T Datasheet
1Mb / 22P
This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
logo
Mini-Circuits
ADT2-1T+ MINI-ADT2-1T+ Datasheet
188Kb / 1P
RF Transformer
ADT2-1T-1P MINI-ADT2-1T-1P Datasheet
304Kb / 1P
RF Transformer
More results


Similar Description - ADT2-1T

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011420 HOKURIKU-E011420 Datasheet
116Kb / 1P
Recommended Pad Dimension
logo
Major League Electronic...
LSSHS-5-04 MAJOR-LEAGUE-LSSHS-5-04 Datasheet
124Kb / 1P
Recommended P.C.B.Layout
logo
List of Unclassifed Man...
PLP2-XXX ETC-PLP2-XXX Datasheet
161Kb / 1P
RECOMMENDED MOUNTING HOLE
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
STM32F358XC STMICROELECTRONICS-STM32F358XC Datasheet
2Mb / 134P
Operating conditions
17-Apr-2015
logo
Maxim Integrated Produc...
MAX14919EVKIT MAXIM-MAX14919EVKIT Datasheet
989Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 11/20
MAX14919AEVKIT MAXIM-MAX14919AEVKIT Datasheet
823Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 7/21
logo
Applied Motion Products...
1240I AMP-1240I Datasheet
108Kb / 2P
Recommended Motors
logo
Murata Manufacturing Co...
DE1B3KX151KA5B MURATA1-DE1B3KX151KA5B Datasheet
175Kb / 2P
Safety Capacitors RECOMMENDED
09/22/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com