Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet (PDF) - STMicroelectronics

STM8L151X6 Datasheet PDF - STMicroelectronics
Part # STM8L151X6
Download  STM8L151X6 Download
File Size   2101.82 Kbytes
Page   146 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operating conditions

STM8L151X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8L151X6 Datasheet PDF - STMicroelectronics

Part # STM8L151X6
Download  STM8L151X6 Click to download

File Size   2101.82 Kbytes
Page   146 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operating conditions

STM8L151X6 Datasheet (HTML) - STMicroelectronics


STM8L151X6 Product details

Features
■ Operating conditions – Operating power supply: 1.65 to 3.6 V (without BOR), 1.8 to 3.6 V (with BOR) – Temp. range: -40 to 85, 105 or 125 °C
■ Low-power features – 5 low-power modes: Wait, Low-power run (5.9 µA), Low-power wait (3 µA), Active- halt with full RTC (1.4 µA), Halt (400 nA) – Consumption: 200 µA/MHz+330 µA – Fast wake up from Halt mode (4.7 µs) – Ultra low leakage per I/0: 50 nA
■ Advanced STM8 core – Harvard architecture and 3-stage pipeline – Max freq: 16 MHz, 16 CISC MIPS peak – Up to 40 external interrupt sources
■ Reset and supply management – Low-power, ultra safe BOR reset with five programmable thresholds – Ultra-low-power POR/PDR – Programmable voltage detector (PVD)
■ Clock management – 32 kHz and 1-16 MHz crystal oscillators – Internal 16 MHz factory-trimmed RC and 38 kHz low consumption RC – Clock security system
■ Low-power RTC – BCD calendar with alarm interrupt, – Digital calibration with +/- 0.5ppm accuracy – Advanced anti-tamper detection
■ LCD: 8x40 or 4x44 w/ step-up converter
■ DMA – 4 ch. for ADC, DACs, SPIs, I2C, USARTs, Timers, 1 ch. for memory-to-memory
■ 2x12-bit DAC (dual mode) with output buffer
■ 12-bit ADC up to 1 Msps/28 channels – Temp. sensor and internal ref. voltage
■ Memories – Up to 64 KB of Flash memory with up to 2KB of data EEPROM with ECC and RWW – Flexible write/read protection modes – Up to 4 KB of RAM
■ 2 ultra-low-power comparators – 1 with fixed threshold and 1 rail to rail – Wake up capability
■ Timers – Three 16-bit timers with 2 channels (IC, OC, PWM), quadrature encoder – One 16-bit advanced control timer with 3 channels, supporting motor control – One 8-bit timer with 7-bit prescaler – One window, one independent watchdog – Beeper timer with 1, 2 or 4 kHz frequencies
■ Communication interfaces – Two synchronous serial interface (SPI) – Fast I2C 400 kHz SMBus and PMBus – Three USARTs (ISO 7816 interface + IrDA)
■ Up to 67 I/Os, all mappable on interrupt vectors
■ Up to 16 capacitive sensing channels supporting touchkey, proximity, linear touch and rotary touch sensors
■ Fast on-chip programming and non-intrusive debugging with SWIM, Bootloader using USART
■ 96-bit unique ID




Similar Part No. - STM8L151X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151x6 STMICROELECTRONICS-STM8L151x6 Datasheet
1Mb / 142P
Advanced STM8 core
07-Apr-2017
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
3Mb / 147P
8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results


Similar Description - STM8L151X6

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-30B-DU ECS-ECS-160-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-200-20-3X-TR ECS-ECS-200-20-3X-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-240-18-23A-EN-TR ECS-ECS-240-18-23A-EN-TR Datasheet
150Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-30B-DU ECS-ECS-250-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-33-TR ECS-ECS-250-20-33-TR Datasheet
610Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-400-20-3X-EN-TR ECS-ECS-400-20-3X-EN-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-2018-080-BN ECS-ECS-2018-080-BN Datasheet
629Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
Specified at operating conditions
26-Feb-16
logo
STMicroelectronics
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
STM32F358XC STMICROELECTRONICS-STM32F358XC Datasheet
2Mb / 134P
Operating conditions
17-Apr-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com