Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358XC Datasheet (PDF) - STMicroelectronics

STM32F358XC Datasheet PDF - STMicroelectronics
Part # STM32F358XC
Download  STM32F358XC Download
File Size   2144.63 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operating conditions

STM32F358XC Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F358XC Datasheet PDF - STMicroelectronics

Part # STM32F358XC
Download  STM32F358XC Click to download

File Size   2144.63 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Operating conditions

STM32F358XC Datasheet (HTML) - STMicroelectronics


STM32F358XC Product details

Features
■ Core: ARM® Cortex®-M4 32-bit CPU with FPU (72 MHz max), single-cycle multiplication and HW division, 90 DMIPS (from CCM), DSP instruction and MPU (memory protection unit).
■ Operating conditions: – VDD: 1.8V +/- 8% – VDDA voltage range: 1.65 to 3.6 V
■ Memories – 256 Kbytes of Flash memory – Up to 40 Kbytes of SRAM, with HW parity check implemented on the first 16 Kbytes. – Routine bootster: 8 Kbytes of SRAM on instruction and data bus, with HW parity check (CCM: Core Coupled Memory)
■ CRC calculation unit
■ Reset and supply management – Low-power modes: Sleep, and Stop – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x 16 PLL option – Internal 40 kHz oscillator
■ Up to 86 fast I/Os – All mappable on external interrupt vectors – Several 5 V-tolerant
■ Interconnect matrix
■ 12-channel DMA controller
■ Up to four ADC 0.20 µS (up to 38 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, separate analog supply from 1.8 to 3.6 V
■ Up to two 12-bit DAC channels with analog supply from 2.4 to 3.6 V
■ Seven fast rail-to-rail analog comparators with analog supply from 1.65 to 3.6 V
■ Up to four operational amplifiers that can be used in PGA mode, all terminal accessible with analog supply from 2.4 to 3.6 V
■ Up to 24 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
■ Up to 13 timers – One 32-bit timer and two 16-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – Up to two 16-bit 6-channel advanced- control timers, with up to 6 PWM channels, deadtime generation and emergency stop – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation and emergency stop – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop – 2 watchdog timers (independent, window) – SysTick timer: 24-bit downcounter – Up to two 16-bit basic timers to drive the DAC
■ Calendar RTC with Alarm, periodic wakeup from Stop
■ Communication interfaces – CAN interface (2.0B Active) – Two I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP – Up to five USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control) – Up to three SPIs, two with multiplexed I2S interface, 4 to 16 programmable bit frames – Infrared Transmitter
■ Cortex®-M4 with FPU ETM, Serial wire debug, JTAG
■ 96-bit unique ID




Similar Part No. - STM32F358XC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3 STMICROELECTRONICS-STM32F3 Datasheet
2Mb / 16P
Mainstream 32-bit MCUs Releasing your creativity
Sep-2017
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 135P
ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
22-Jul-2016
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6 STMICROELECTRONICS-STM32F301C6T6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6TR STMICROELECTRONICS-STM32F301C6T6TR Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results


Similar Description - STM32F358XC

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-30B-DU ECS-ECS-160-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-200-20-3X-TR ECS-ECS-200-20-3X-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-240-18-23A-EN-TR ECS-ECS-240-18-23A-EN-TR Datasheet
150Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-30B-DU ECS-ECS-250-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-33-TR ECS-ECS-250-20-33-TR Datasheet
610Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-400-20-3X-EN-TR ECS-ECS-400-20-3X-EN-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-2018-080-BN ECS-ECS-2018-080-BN Datasheet
629Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
Specified at operating conditions
26-Feb-16
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com