Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC7337 Datasheet (PDF) - Qorvo, Inc

QPC7337 Datasheet PDF - Qorvo, Inc
Part # QPC7337
Download  QPC7337 Download
File Size   1247.31 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 258MHz to 1794MHz Variable Equalizer

QPC7337 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC7337 Datasheet PDF - Qorvo, Inc

Part # QPC7337
Download  QPC7337 Click to download

File Size   1247.31 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 258MHz to 1794MHz Variable Equalizer

QPC7337 Datasheet (HTML) - Qorvo, Inc


QPC7337 Product details

Product Features
 258 – 1794 MHz Operational Bandwidth
 17dB slope range
 Low insertion loss
 High linearity
 75Ohm impedance for CATV applications
 5V single supply voltage
 Low power consumption




Similar Part No. - QPC7337

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC7332 QORVO-QPC7332 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
QPC7332PCBA-410 QORVO-QPC7332PCBA-410 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
QPC7332SB QORVO-QPC7332SB Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
QPC7332SR QORVO-QPC7332SR Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
QPC7332TR7 QORVO-QPC7332TR7 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
More results


Similar Description - QPC7337

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC7336 TRIQUINT-QPC7336 Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
logo
Mini-Circuits
VAEQ-1000 MINI-VAEQ-1000 Datasheet
668Kb / 5P
Voltage Variable Equalizer
VAEQ-1220 MINI-VAEQ-1220 Datasheet
477Kb / 5P
Voltage Variable Equalizer
VAEQ-1220-75 MINI-VAEQ-1220-75 Datasheet
494Kb / 5P
Voltage Variable Equalizer
VAEQ-2150 MINI-VAEQ-2150 Datasheet
807Kb / 7P
Voltage Variable Equalizer
VAEQ-2150R MINI-VAEQ-2150R Datasheet
765Kb / 7P
Voltage Variable Equalizer
logo
Qorvo, Inc
QPC7332 QORVO-QPC7332 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
QPC7334 QORVO-QPC7334 Datasheet
802Kb / 14P
5MHz to 684MHz Variable Equalizer
October 22, 2021
QPC7335 QORVO-QPC7335 Datasheet
958Kb / 13P
45MHz to 1002MHz Variable Equalizer
October 22, 2021
QPC7336 QORVO-QPC7336 Datasheet
1Mb / 13P
45MHz to 1218MHz Variable Equalizer
October 22, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com