Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1018 Datasheet (PDF) - Qorvo, Inc

QPD1018 Datasheet PDF - Qorvo, Inc
Part # QPD1018
Download  QPD1018 Download
File Size   1901.98 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET

QPD1018 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1018 Datasheet PDF - Qorvo, Inc

Part # QPD1018
Download  QPD1018 Click to download

File Size   1901.98 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET

QPD1018 Datasheet (HTML) - Qorvo, Inc


QPD1018 Product details

Key Features
• Frequency: 2.7 to 3.1 GHz
• Output Power (P3dB)1: 575 W
• Linear Gain1: 17.7 dB
• Typical PAE3dB
1: 67.9%
• Operating Voltage: 50 V
• Low thermal resistance package
• Pulse capable




Similar Part No. - QPD1018

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1018 TRIQUINT-QPD1018 Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
QPD1018EVB TRIQUINT-QPD1018EVB Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
QPD1018S2 TRIQUINT-QPD1018S2 Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
More results


Similar Description - QPD1018

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1018 TRIQUINT-QPD1018 Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
QPD1019 TRIQUINT-QPD1019 Datasheet
2Mb / 19P
500W, 50V, 2.9 ??3.3 GHz, GaN RF IMFET
logo
Qorvo, Inc
QPD9300 QORVO-QPD9300 Datasheet
1Mb / 16P
30 W, 28 V, 9.2 ??9.7 GHz, GaN RF IMFET
QPD1003 QORVO-QPD1003 Datasheet
1Mb / 18P
500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
QPD1006 QORVO-QPD1006 Datasheet
644Kb / 16P
450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
QPD1017 QORVO-QPD1017 Datasheet
1Mb / 17P
450W, 50V, 3.1 ??3.5 GHz, GaN RF IMFET
Aug 24, 2018
QPD1019 QORVO-QPD1019 Datasheet
1Mb / 18P
500W, 50V, 2.9 ??3.3 GHz, GaN RF IMFET
Nov. 26, 2018
QPD1013 QORVO-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com