Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1013 Datasheet (PDF) - Qorvo, Inc

QPD1013 Datasheet PDF - Qorvo, Inc
Part # QPD1013
Download  QPD1013 Download
File Size   2408.28 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 150W, 65V, DC – 2.7 GHz, GaN RF Transistor

QPD1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1013 Datasheet PDF - Qorvo, Inc

Part # QPD1013
Download  QPD1013 Click to download

File Size   2408.28 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 150W, 65V, DC – 2.7 GHz, GaN RF Transistor

QPD1013 Datasheet (HTML) - Qorvo, Inc


QPD1013 Product details

Product Features
 Frequency: DC to 2.7 GHz
 Output Power (P3dB): 178 W1
 Linear Gain: 21.8 dB1
 Typical PAE3dB: 64.8 %1
 Operating Voltage: 65 V
 Low thermal resistance package
 CW and Pulse capable
 7.2 x 6.6 mm package




Similar Part No. - QPD1013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1013EVB01 TRIQUINT-QPD1013EVB01 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1013S2 TRIQUINT-QPD1013S2 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1013SQ TRIQUINT-QPD1013SQ Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1013SR TRIQUINT-QPD1013SR Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
More results


Similar Description - QPD1013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1018 TRIQUINT-QPD1018 Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
QPD1018 QORVO-QPD1018 Datasheet
1Mb / 16P
500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET
Aug 24, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com