Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYM1471 Datasheet (PDF) - Cypress Semiconductor

CYM1471 Datasheet PDF - Cypress Semiconductor
Part # CYM1471
Download  CYM1471 Download
File Size   251.13 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2048K x 8 SRAM Module 2048K x 8 SRAM Module

CYM1471 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYM1471 Datasheet PDF - Cypress Semiconductor

Part # CYM1471
Download  CYM1471 Click to download

File Size   251.13 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2048K x 8 SRAM Module 2048K x 8 SRAM Module

CYM1471 Datasheet (HTML) - Cypress Semiconductor


CYM1471 Product details

Features

• High-density 8-/16-megabit SRAM modules
• High-speed CMOS SRAMs
—Access time of 70 ns
• Low active power
—605 mW (max.), 2M x 8
• Double-sided SMD technology
• TTL-compatible inputs and outputs
• Small footprint SIP
—PCB layout area of 0.72 sq. in.
• 2V data retention (L version)




Similar Part No. - CYM1471

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-20C CYPRESS-CYM1441PZ-20C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-25C CYPRESS-CYM1441PZ-25C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-35C CYPRESS-CYM1441PZ-35C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-45C CYPRESS-CYM1441PZ-45C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
More results


Similar Description - CYM1471

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488_1008 LYONTEK-LY62L20488_1008 Datasheet
197Kb / 13P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
2048K X 8 BIT LOW POWER CMOS SRAM
LY61L20508A LYONTEK-LY61L20508A_17 Datasheet
682Kb / 13P
2048K X 8 BIT HIGH SPEED CMOS SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com