Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYM1441 Datasheet (PDF) - Cypress Semiconductor

CYM1441 Datasheet PDF - Cypress Semiconductor
Part # CYM1441
Download  CYM1441 Download
File Size   167.88 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 8 Static RAM Module

CYM1441 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYM1441 Datasheet PDF - Cypress Semiconductor

Part # CYM1441
Download  CYM1441 Click to download

File Size   167.88 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 8 Static RAM Module

CYM1441 Datasheet (HTML) - Cypress Semiconductor


CYM1441 Product details

Functional Description
The CYM1441 is a very high performance 2-megabit static RAM module organized as 256K words by 8 bits.

Features
• High-density 2-megabit SRAM module
• High-speed CMOS SRAMs
   — Access time of 20 ns
• Low active power
   — 5.3W (max.)
• SMD technology
• Separate data I/O
• 60-pin ZIP package
• TTL-compatible inputs and outputs
• Low profile
   — Max. height of 0.5 in.
• Small PCB footprint
   — 1.14 sq. in.




Similar Part No. - CYM1441

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
512Kx8 Static RAM Module
CYM1464PD-20C CYPRESS-CYM1464PD-20C Datasheet
200Kb / 8P
512Kx8 Static RAM Module
CYM1464PD-22C CYPRESS-CYM1464PD-22C Datasheet
200Kb / 8P
512Kx8 Static RAM Module
CYM1464PD-25C CYPRESS-CYM1464PD-25C Datasheet
200Kb / 8P
512Kx8 Static RAM Module
CYM1464PD-30C CYPRESS-CYM1464PD-30C Datasheet
200Kb / 8P
512Kx8 Static RAM Module
More results


Similar Description - CYM1441

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138V CYPRESS-CY62138V Datasheet
175Kb / 8P
256K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA2008U1B ETC-WCMA2008U1B Datasheet
144Kb / 11P
256K x 8 Static RAM
WCMA2008U1X ETC-WCMA2008U1X Datasheet
284Kb / 11P
256K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
256K (32K x 8) Static RAM
CY62138VN CYPRESS-CY62138VN Datasheet
411Kb / 8P
256K x 8 Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
256K (32K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com