Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1122 Datasheet (PDF) - Alpha Wire

1122 Datasheet PDF - Alpha Wire
Part # 1122
Download  1122 Download
File Size   98.9 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1122 Datasheet (PDF)

Go To PDF Page Download Datasheet
1122 Datasheet PDF - Alpha Wire

Part # 1122
Download  1122 Click to download

File Size   98.9 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1122 Datasheet (HTML) - Alpha Wire


1122 Product details

Construction
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 28 (7/36) AWG Tinned Copper 0.015
b) Insulation 0.010" Wall, Nom. PVC 0.035
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 3 WHITE
2 RED 4 GREEN
2) Cable Assembly 4 Components Cabled
a) Twists: 9.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,80%
Coverage, Min.
4) Jacket 0.010" Wall, Nom.,PVC 0.130 (0.138 Max.)
a) Color(s) CLEAR
b) Print
ALPHA WIRE-* P/N 1122
CE ROHS
* = Factory Code

Applicable Specifications
1) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 1122

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1122 ALPHAWIRE-1122 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Videk Ltd
1122 VIDEK-1122 Datasheet
211Kb / 2P
Serial RS232 Cables Fully Moulded Universal RS232 25 D Type Cables
logo
HellermannTyton.
1122-1-G HELLERMANNTYTON-1122-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
RAF ELECTRONIC HARDWARE
1122-2-N RAF-1122-2-N Datasheet
48Kb / 1P
1/4 ROUND SPACERS
1122-4-AL RAF-1122-4-AL Datasheet
48Kb / 1P
1/4 ROUND SPACERS
More results


Similar Description - 1122

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com