Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1122 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1122
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1122 Datasheet(HTML) 1 Page - Alpha Wire

  1122 Datasheet HTML 1Page - Alpha Wire 1122 Datasheet HTML 2Page - Alpha Wire 1122 Datasheet HTML 3Page - Alpha Wire 1122 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1122
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
4 X 1 COND
a) Conductor
28 (7/36) AWG Tinned Copper
0.015
b) Insulation
0.010" Wall, Nom. PVC
0.035
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
WHITE
2
RED
4
GREEN
2) Cable Assembly
4 Components Cabled
a) Twists:
9.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,80%
Coverage, Min.
4) Jacket
0.010" Wall, Nom.,PVC
0.130 (0.138 Max.)
a) Color(s)
CLEAR
b) Print
ALPHA WIRE-* P/N 1122
CE ROHS
* = Factory Code
1) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 1122

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1122 ALPHAWIRE-1122 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Videk Ltd
1122 VIDEK-1122 Datasheet
211Kb / 2P
Serial RS232 Cables Fully Moulded Universal RS232 25 D Type Cables
logo
HellermannTyton.
1122-1-G HELLERMANNTYTON-1122-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
RAF ELECTRONIC HARDWARE
1122-2-N RAF-1122-2-N Datasheet
48Kb / 1P
1/4 ROUND SPACERS
1122-4-AL RAF-1122-4-AL Datasheet
48Kb / 1P
1/4 ROUND SPACERS
More results

Similar Description - 1122

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com