Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP126 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP126 Datasheet PDF - Texas Instruments
Part # TMP126
Download  TMP126 Download
File Size   1864.66 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert

TMP126 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP126 Datasheet PDF - Texas Instruments

Part # TMP126
Download  TMP126 Click to download

File Size   1864.66 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert

TMP126 Datasheet (HTML) - Texas Instruments


TMP126 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade-0: –55°C to 175°C
ambient operating temperature
– Device HBM classification level 2
– Device CDM classification level C2b
• Function Safety Capable
– Documentation available to aid functional safety
system design
• High accuracy
– ±0.25°C (maximum) from 20°C to 30°C
– ±0.3°C (maximum) from –20°C to 85°C
– ±0.4°C (maximum) from –40°C to 125°C
– ±0.5°C (maximum) from –55°C to 150°C
– ±0.75°C (maximum) from 150°C to 175°C
• Fast measurement intervals with no self-heating
concerns
• Supply range: 1.62 V to 5.5 V
• Factory-calibrated
– NIST traceability
• Low power consumption
• Programmable temperature alert limits
• Temperature slew rate warning
• Optional Cyclic Redundancy Check (CRC)
• 3-wire SPI interface

2 Applications
• Transmission Control Units
• On-board Chargers (OBC)
• Brake Systems
• Traction Inverters
• Vehicle Control Units (VCU)
• DC/DC Converters
• Power Distribution Units (PDU)
• Powertrain Exhaust Sensors

3 Description
The TMP126-Q1 is a 0.25°C accuracy digital
temperature that supports an ambient temperature
range of –55°C to 175°C. The TMP126-Q1 features
a 14-bit signed temperature resolution (0.03125°C per
LSB) while operating over a supply range of 1.62
V to 5.5 V. With a fast conversion rate, low supply
current, and a simple 3-wire SPI compatible interface,
the TMP126-Q1 is designed for a wide range of
applications.
The TMP126-Q1 includes additional advanced
features for increased reliability in harsh environments
such as optional CRC checksum for data integrity,
programmable alert limits, a temperature slew rate
warning, and an enhanced operational temperature
range. The device utilizes a NIST traceable factory
calibration for guaranteed accuracy and comes in
a small SOT package for close placement to heat
sources along with fast response times.




Similar Part No. - TMP126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP126 TI-TMP126 Datasheet
1Mb / 45P
TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126 TI-TMP126 Datasheet
2Mb / 53P
TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
TMP126 TI-TMP126 Datasheet
1Mb / 47P
TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
JUNE 2022
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 48P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 45P
TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
More results


Similar Description - TMP126

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114624 SENSITRON-SHD114624 Datasheet
75Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175?C Maximum Operation Temperature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 48P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126 TI-TMP126 Datasheet
1Mb / 45P
TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1_V01 Datasheet
1Mb / 50P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
TMP127-Q1 TI-TMP127-Q1_V01 Datasheet
1Mb / 25P
TMP127-Q1 Automotive Grade, 0.8 째C SPI Temperature Sensor With 175 째C Operation
MARCH 2022
TMP126 TI-TMP126_V01 Datasheet
1Mb / 47P
TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
JUNE 2022
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com