Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1641 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS1641 Datasheet PDF - Texas Instruments
Part # TPS1641
Download  TPS1641 Download
File Size   2647.86 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection

TPS1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS1641 Datasheet PDF - Texas Instruments

Part # TPS1641
Download  TPS1641 Click to download

File Size   2647.86 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection

TPS1641 Datasheet (HTML) - Texas Instruments


TPS1641 Product details

1 Features
• Operating voltage range (IN):
– TPS16410, TPS16411 : 4.5 V to 40 V
– TPS16412, TPS16413 : 2.7 V to 40 V
• Withstands negative voltages up to –1 V at output
• Ultra-low on-resistance: RON = 152 mΩ (typ.)
• 2-W to 64-W configurable power limiting
• IN to OUT short detection and indication on FLT
pin
• FLT output for diagnostics and driving external
PFET
• ±5% accurate power limit at 15 W (TPS16410,
TPS16411)
• ±5% accurate current limit at 1.8 A (TPS16412,
TPS16413)
• Configurable overvoltage protection
• Configurable overcurrent protection (IOCP)
• Configurable delay, blanking time for transient
currents
• Overvoltage protection up to 60 V with external
FET
• Adjustable output slew rate control (dVdt) for
inrush current protection
• Enable and shutdown control
• Output load current monitoring on IOCP pin
• Overtemperature Protection (OTP) with thermal
shutdown
• Small footprint: QFN 3 × 3 mm, 0.5-mm pitch

2 Applications
• Refrigerator and freezer
• Oven
• Dishwasher
• HVAC valve and actuator control
• Ventilators
• Anesthesia delivery systems

3 Description
The TPS1641x is an integrated eFuse with accurate
power limit or current limit. The device provides robust
protection with integrated overcurrent protection,
overvoltage protection, IN to OUT short detection and
overtemperature protection.
TPS16410, TPS16411 devices provide ±5% power
limiting at 15 W for loads and it also provides
configurable blanking time for transient overload or
overcurrent events. TPS16410 and TPS16411 can be
used for low power circuits (LPCs) for 15-W power
limiting as per IEC60335 and UL60730 standards.
TPS1641x devices provide protection from adjacent
pin short and pin short to GND faults.
Applications such as backplane power protection in
PLC and DCS modules configure the current limit
with resistor on the ILIM pin. TPS16412, TPS16413
devices provide ±5% current limiting at 1.8 A for
loads and these devices also provide output slew rate
control with dVdT pin to charge large capacitive loads
at power up.
TPS1641x features IN to OUT short detection. The
device indicates IN to OUT short on the FLT pin. The
FLT pin can be either provided to MCU as Digital
Input or it can be used to drive an external PFET.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS1641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1641 TI-TPS1641 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
TPS1641 TI-TPS1641 Datasheet
2Mb / 38P
TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
MAY 2023
TPS1641 TI2-TPS1641 Datasheet
2Mb / 38P
TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED MAY 2023
TPS16410 TI-TPS16410 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
TPS16410 TI-TPS16410 Datasheet
2Mb / 38P
TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
MAY 2023
More results


Similar Description - TPS1641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS1663 TI1-TPS1663_19 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS1663 TI1-TPS1663_V01 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1641 TI-TPS1641_V01 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
TPS1641 TI-TPS1641_V02 Datasheet
2Mb / 38P
TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com