Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1641 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS1641 Datasheet PDF - Texas Instruments
Part # TPS1641
Download  TPS1641 Download
File Size   2602.33 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection

TPS1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS1641 Datasheet PDF - Texas Instruments

Part # TPS1641
Download  TPS1641 Click to download

File Size   2602.33 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection

TPS1641 Datasheet (HTML) - Texas Instruments


TPS1641 Product details

1 Features
• Operating voltage range (IN):
– 4.5 V to 40 V (power limit devices)
– 2.7 V to 40 V (current limit devices)
• Withstands negative voltages up to –1 V at output
• Ultra-low ON-resistance: RON = 152 mΩ (typ.)
• 2-W to 64-W power limiting
• 0.03-A to 1.8-A current limiting
• IN to OUT short detection and indication on FLT
pin
• FLT output for diagnostics and driving external
PFET
• ±5% accurate power limit at 15 W (power limit
devices)
• ±6% accurate current limit at 1 A (current limit
devices)
• Configurable overvoltage protection
• Configurable overcurrent protection (IOCP)
• Configurable blanking time for transient currents
• Overvoltage protection up to 60 V with external
FET
• Adjustable output slew rate control (dVdt) for
inrush current protection
• Enable and shutdown control
• Output load current monitoring on IOCP pin
• Overtemperature protection (OTP) with thermal
shutdown
• Small footprint: QFN 3 × 3 mm, 0.5-mm pitch

2 Applications
• Refrigerator and freezer
• Oven
• Dishwasher
• HVAC valve and actuator control
• Ventilators
• Anesthesia delivery systems

3 Description
The TPS1641x family are integrated eFuse devices
with accurate power limit or current limit. The device
family provides robust protection with integrated
overcurrent protection, overvoltage protection, IN to
OUT short detection, and overtemperature protection.
TPS16410 TPS16411, TPS16414, and TPS16415
devices provide ±5% power limiting at 15 W for loads
and it also provide configurable blanking time for
transient overload or overcurrent events. TPS16410,
TPS16411, TPS16414, and TPS16415 can be used
in low power circuits (LPCs) for 15-W power limiting
as per IEC60335 and UL60730 standards. TPS1641x
devices provide protection from adjacent pin short and
pin short to GND faults.
Applications such as backplane power protection in
PLC and DCS modules configure the current limit with
a resistor on the ILIM pin. TPS16412, TPS16413,
TPS16416, and TPS16417 devices provide ±6%
current limiting at 1 A for loads and also provide
output slew rate control with dVdT pin to charge large
capacitive loads at power up.
TPS1641x features IN to OUT short detection and
indicate IN to OUT short on the FLT pin. The FLT pin
either provides to MCU as digital input or to drive an
external PFET.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS1641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1641 TI-TPS1641 Datasheet
2Mb / 36P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
JUNE 2022
TPS1641 TI-TPS1641 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
TPS1641 TI2-TPS1641 Datasheet
2Mb / 38P
TPS1641x 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED MAY 2023
TPS16410 TI-TPS16410 Datasheet
2Mb / 36P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
JUNE 2022
TPS16410 TI-TPS16410 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
More results


Similar Description - TPS1641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS1663 TI1-TPS1663_19 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS1663 TI1-TPS1663_V01 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1641 TI-TPS1641 Datasheet
2Mb / 36P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
JUNE 2022
TPS1641 TI-TPS1641_V01 Datasheet
2Mb / 38P
TPS1641x: 40-V, 1.8-A Power and Current Limiting eFuse with IN to OUT Short Detection
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com